データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431I データシート(PDF) 8 Page - Wing Shing Computer Components

部品番号 TL431I
部品情報  Adjustable Precision Shunt Regulator (I Grade)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINGS [Wing Shing Computer Components]
ホームページ  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TL431I データシート(HTML) 8 Page - Wing Shing Computer Components

  TL431I Datasheet HTML 1Page - Wing Shing Computer Components TL431I Datasheet HTML 2Page - Wing Shing Computer Components TL431I Datasheet HTML 3Page - Wing Shing Computer Components TL431I Datasheet HTML 4Page - Wing Shing Computer Components TL431I Datasheet HTML 5Page - Wing Shing Computer Components TL431I Datasheet HTML 6Page - Wing Shing Computer Components TL431I Datasheet HTML 7Page - Wing Shing Computer Components TL431I Datasheet HTML 8Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
L
0.400
1.270
0.016
0.050
θ
0°8°0°8°
Dimensions In Millimeters
Dimensions In Inches
Symbol
1.270(BSC)
0.050(BSC)
TL431I
Adjustable Precision Shunt Regulator (I Grade)
8


同様の部品番号 - TL431I

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TL431I PHILIPS-TL431I Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431I STMICROELECTRONICS-TL431I Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
TL431I STMICROELECTRONICS-TL431I Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431ICT STMICROELECTRONICS-TL431ICT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
Texas Instruments
TL431ID TI-TL431ID Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

同様の説明 - TL431I

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com