データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431AA データシート(PDF) 3 Page - Wing Shing Computer Components

部品番号 TL431AA
部品情報  Adjustable Precision Shunt Regulator (I Grade)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINGS [Wing Shing Computer Components]
ホームページ  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TL431AA データシート(HTML) 3 Page - Wing Shing Computer Components

  TL431AA Datasheet HTML 1Page - Wing Shing Computer Components TL431AA Datasheet HTML 2Page - Wing Shing Computer Components TL431AA Datasheet HTML 3Page - Wing Shing Computer Components TL431AA Datasheet HTML 4Page - Wing Shing Computer Components TL431AA Datasheet HTML 5Page - Wing Shing Computer Components TL431AA Datasheet HTML 6Page - Wing Shing Computer Components TL431AA Datasheet HTML 7Page - Wing Shing Computer Components TL431AA Datasheet HTML 8Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BONDING DIAGRAM
Chip si z e: 0, 62x 0, 82
P ad si z e : 80 x 80
Unit
:
µm
PAD LOCATION
Pad No.
Pad Name
Description
X
Y
2
A
Anode
472
672
3
K
Cathode
68
672
1
R
Reference
94
244.5
PHYSICAL CHARACTERISTIC
Fig. 1 Maximum Power Dissipation
Wafes dia
100 mm (4")
Wafes width
280
±20µm
Scribe width
80
µm
Passivation
PSG
Backside metallization
Without
metallization
Cathod
Anode
Ref
1
2
3
TL431I
Adjustable Precision Shunt Regulator (I Grade)
3


同様の部品番号 - TL431AA

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
TL431AA WINGS-TL431AA Datasheet
280Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
TL431AA3 CYSTEKEC-TL431AA3 Datasheet
170Kb / 6P
   Adjustable Precision Shunt Regulators
More results

同様の説明 - TL431AA

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com