データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC6105 データシート(PDF) 10 Page - Suntac Electronic Corp.

部品番号 STC6105
部品情報  Power Supply Supervisor Regulator PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAC [Suntac Electronic Corp.]
ホームページ  
Logo SUNTAC - Suntac Electronic Corp.

STC6105 データシート(HTML) 10 Page - Suntac Electronic Corp.

Back Button STC6105 Datasheet HTML 2Page - Suntac Electronic Corp. STC6105 Datasheet HTML 3Page - Suntac Electronic Corp. STC6105 Datasheet HTML 4Page - Suntac Electronic Corp. STC6105 Datasheet HTML 5Page - Suntac Electronic Corp. STC6105 Datasheet HTML 6Page - Suntac Electronic Corp. STC6105 Datasheet HTML 7Page - Suntac Electronic Corp. STC6105 Datasheet HTML 8Page - Suntac Electronic Corp. STC6105 Datasheet HTML 9Page - Suntac Electronic Corp. STC6105 Datasheet HTML 10Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Product Specification
- 10 -
R2
R1
2.1V
64uA
-12V
-5V
PWM
switching
signal
in
the
secondary
power
transformer is proportional to the AC line voltage. Adjust
the ratio of resistor divider to decide the threshold of
power-down warning. A small capacitor is connected
from UVAC to ground for filtering the switching noise.
Over Power Protection (OPP)
The OPP (over power protection) is used for
detecting over power and/or short-circuit conditions.
When OPPS voltage (p.4, Note-1) is higher than 2.1V and
this situation existed for longer than 7 msec,STC6105 will
pull the PG low and lock off the power outputs.
Vdd
OPP
OP2
OP1
R1
R2
R3
C1
Negative Voltage Protection
The NVP provides an UVP (under voltage protection)
for negative voltage outputs. An under-voltage represents
the phenomenal of the overload condition in negative
voltage output. For example, the –12V output may drop
to –10V during the overload situation. A resistor
determining the threshold of the protection is connected
from pin NVP to the negative voltage output. Via this
resistor, NVP outputs a 64uA constant current to the
negative voltage output. When the NVP voltage is over
2.1V and the situation kept for longer than 7 msec,
STC6105 will lock the power outputs off.
VNVP = 64 uA
(R1 + R2) – V-12V
The power outputs will be locked off when VNVP
2.1V.
+
UVAC
Vo
0.7V
R1
R2
C1
VS
Vin
STC6105
Power Supply Supervisor + Regulator + PWM


同様の部品番号 - STC6105

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
STC6.8-10C2 VISHAY-STC6.8-10C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-15N2 VISHAY-STC6.8-15N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20C3 VISHAY-STC6.8-20C3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20N3 VISHAY-STC6.8-20N3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-2C1 VISHAY-STC6.8-2C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

同様の説明 - STC6105

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A_09 Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
logo
List of Unclassifed Man...
SG6105 ETC-SG6105 Datasheet
519Kb / 13P
   Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A Datasheet
592Kb / 18P
   Power Supply Supervisor Regulator PWM
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
Fairchild Semiconductor
FAN6103 FAIRCHILD-FAN6103 Datasheet
656Kb / 13P
   Power Supply Supervisor Plus PWM
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com