データシートサーチシステム |
|
TC1N5995B データシート(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TC1N5995B データシート(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 3 page November 2006 / B Page 1 SEMICONDUCTOR TAK CHEONG ® 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators Absolute Maximum Ratings TA = 25°C unless otherwise noted Parameter Value Units Power Dissipation 500 mW Storage Temperature Range -65 to +200 °C Operating Junction Temperature +200 °C These ratings are limiting values above which the serviceability of the diode may be impaired. Specification Features: Zener Voltage Range 2.4 to 75 Volts DO-35 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All external surfaces are corrosion resistant and leads are readily solderable RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish Cathode Indicated By Polarity Band Electrical Characteristics TA = 25°C unless otherwise noted Zener Voltage Zener Impedance Leakage Current VZ (Volts) @ IZT ZZT @ IZT ZZK @ IZK IR @ VR Device Min Nom Max (mA) ( Ω) ( Ω) (mA) ( µA) (Volts) TC1N5985B 2.280 2.4 2.520 5 100 1800 0.25 100 1 TC1N5986B 2.565 2.7 2.835 5 100 1900 0.25 75 1 TC1N5987B 2.850 3 3.150 5 95 2000 0.25 50 1 TC1N5988B 3.135 3.3 3.465 5 95 2200 0.25 25 1 TC1N5989B 3.420 3.6 3.780 5 90 2300 0.25 15 1 TC1N5990B 3.705 3.9 4.095 5 90 2400 0.25 10 1 TC1N5991B 4.085 4.3 4.515 5 88 2500 0.25 5 1 TC1N5992B 4.465 4.7 4.935 5 70 2200 0.25 3 1.5 TC1N5993B 4.845 5.1 5.355 5 50 2050 0.25 2 2 TC1N5994B 5.320 5.6 5.880 5 25 1800 0.25 2 3 TC1N5995B 5.890 6.2 6.510 5 10 1300 0.25 1 4 TC1N5996B 6.460 6.8 7.140 5 8 750 0.25 1 5.2 TC1N5997B 7.125 7.5 7.875 5 7 600 0.25 0.5 6 TC1N5998B 7.790 8.2 8.610 5 7 600 0.25 0.5 6.5 TC1N5999B 8.645 9.1 9.555 5 10 600 0.25 0.1 7 TC1N6000B 9.50 10 10.50 5 15 600 0.25 0.1 8 TC1N6001B 10.45 11 11.55 5 18 600 0.25 0.1 8.4 Cathode Anode ELECTRICAL SYMBOL L xx xx T DEVICE MARKING DIAGRAM L : Logo Device Code : TC1NxxxxT Tolerance (T) : A = 10% : B = 5% : C = 2% : D = 1% AXIAL LEAD DO35 |
同様の部品番号 - TC1N5995B |
|
同様の説明 - TC1N5995B |