データシートサーチシステム |
|
TC8V2 データシート(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TC8V2 データシート(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
2 / 5 page Number: DB-035 June 2008 / E Page 2 SEMICONDUCTOR TAK CHEONG ® Electrical Characteristics TA = 25°C unless otherwise noted Device Type VZ @ IZT (Volts) Nominal IZT (mA) ZZT @ IZT ( Ω) Max IR @ VR ( μA) Max VR (Volts) TC13V 13 5 35 0.2 10 TC15V 15 5 40 0.2 11 TC16V 16 5 40 0.2 12 TC18V 18 5 45 0.2 13 TC20V 20 5 45 0.2 15 TC22V 22 5 30 0.2 17 TC24V 24 5 35 0.2 19 TC27V 27 2 45 0.2 21 TC30V 30 2 55 0.2 23 TC33V 33 2 65 0.2 25 TC36V 36 2 75 0.2 27 TC39V 39 2 85 0.2 30 TC43V 43 2 90 0.2 33 TC47V 47 2 90 0.2 36 TC51V 51 2 110 0.2 39 TC56V 56 2 110 0.2 43 TC62V 62 2 201 0.2 47 TC68V 68 2 230 0.2 51 TC75V 75 2 240 0.2 56 VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types Notes: 1. TOLERANCE AND VOLTAGE DESIGNATION The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of ±5%. 2. SPECIALS AVAILABLE INCLUDE Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest Tak Cheong representative. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage is measured under pulse conditions such that TJ is no more than 2℃ above TA. 4. ZENER IMPEDANCE (ZZ) DERIVATION Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the dc zener current ( IZT) is superimposed to IZT . |
同様の部品番号 - TC8V2 |
|
同様の説明 - TC8V2 |