データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9605 データシート(PDF) 1 Page - Supertex, Inc

部品番号 HV9605
部品情報  High Voltage Current Mode PWM Controller for ISDN Equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUTEX [Supertex, Inc]
ホームページ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9605 データシート(HTML) 1 Page - Supertex, Inc

  HV9605 Datasheet HTML 1Page - Supertex, Inc HV9605 Datasheet HTML 2Page - Supertex, Inc HV9605 Datasheet HTML 3Page - Supertex, Inc HV9605 Datasheet HTML 4Page - Supertex, Inc HV9605 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
HV9605
11/30/98
HV9605
11/30/98
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For complete liability information covering
this and other Supertex products, refer to the Supertex 1998 Databook.
General Description
The Supertex HV9605 is a BiCMOS/DMOS single-output,
current mode, pulse width modulator IC designed to meet
the requirements of ETR-060 for ISDN applications. In a 14
pin package, it provides all the necessary functions to imple-
ment a single-switch PWM with a minimum of external parts.
Utilizing Supertex’s proprietary BiCMOS/DMOS technology,
it requires less than one tenth of the operating power of
conventional bipolar PWM ICs. Dynamic range for regulation
is also increased to approximately 8 times that of similar
bipolar parts. It operates directly from any DC input voltage
between 15 and 250 VDC. The START and STOP input
voltage thresholds can be programmed within the operating
input voltage range by means of a resistor divider, provided
+V
IN(START) > +VIN(STOP). The output stage is push-pull CMOS,
eliminating the need for external clamping diodes. The clock
frequency is set with a single external resistor.
High Voltage Current Mode PWM
Controller for ISDN Equipment
Features
BiCMOS/DMOS technology
Current mode control
49% duty cycle operation
Programmable START/STOP capability
15V to 250V input range internal start-up regulator
6.0
µA standby supply current for +V
IN <20V
0.9mA operating supply current
5.0V VDD supply operation
30KHz to 300KHz internal oscillator
15KHz to 150KHz converter output frequency
1.0MHz low offset error amplifier
1.20V 2% band gap reference
Output driver optimized for under 10W applications
Low driver output impedance with V
DD = 0V
Fast (90nsec) over current shutdown
All pins are ESD protected
Applications
ISDN network terminations
ISDN terminals
ISDN terminal adapters
Feature phones
SLIC circuits
PBX systems
Modems
Distributed power systems
DC/DC converters
Absolute Maximum Ratings*
+VIN, Input Voltage
-0.5V to +250V
Supply Voltage, VDD
-0.5V to +10V
Operating Temperature Range
-40
°C to +85°C
Storage Temperature Range
-65
°C to +150°C
Power Dissipation @ 25
°C, SOIC
750mW
Power Dissipation @ 25
°C, Plastic DIP
1000mW
*All voltages referenced to GND
Preliminary
14 Pin
14 Pin
Die
Plastic DIP
Narrow Body SOIC
+V
IN
Feedback
Max
Package Options
Min
Max
Accuracy
Duty Cycle
15V
250V
<
± 1%
49%
HV9605P
HV9605NG
HV9605X
Ordering Information


同様の部品番号 - HV9605

メーカー部品番号データシート部品情報
logo
Supertex, Inc
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
HV9605CNG SUTEX-HV9605CNG Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
HV9605CP SUTEX-HV9605CP Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
HV9605CX SUTEX-HV9605CX Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
More results

同様の説明 - HV9605

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9113 VISHAY-SI9113 Datasheet
98Kb / 10P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Rev. A . 29-Nov-99
SI9113DY VISHAY-SI9113DY Datasheet
146Kb / 12P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Rev. B. 19-Apr-04
SI9113 VISHAY-SI9113_04 Datasheet
161Kb / 13P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Rev. B. 19-Apr-04
SI9113 VISHAY-SI9113_V01 Datasheet
148Kb / 12P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
01-Jan-2022
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com