データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB16 データシート(PDF) 5 Page - Altech corporation

部品番号 CB16
部品情報  HIGH TEMPERATURE CERAMIC EUROBLOCKS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTECH [Altech corporation]
ホームページ  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CB16 データシート(HTML) 5 Page - Altech corporation

  CB16 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
CENC4
CENC16
CENC35
BUSBAR SYSTEM
Panel Mount
A quick reliable solution for
ground, neutral or low
voltage distribution
applications. The Busbar
System consists of a
busbar, busbar supports,
and screw clamp terminals
for terminating wires
NEB 10 (10 x 3 mm) and
NEB 6 (6 x 6 mm), tin plated
copper busbars are
available in one meter
lengths. Both have a 140A
current carrying capacity.
NES plastic support with
fixing screws for holding 10
x 3 & 6 x 6 busbar makes
placing of busbar an easy
task. Busbars up to 200 mm
length should be supported
at ends by two busbar
supports. For busbars
exceeding 200 mm length,
it is recommended to
provide intermediate
busbar support. Easy to
operate CENC clamp
secures wire to the busbar.
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Approvals
Wire Range
Current Rating*
Torque
Terminal Block
Busbar
(10 x 3 mm)
Busbar
(6 x 6 mm)
Plastic Support
with Fixing Screw
End Clamp/Bus bar
support for rail mounting
Marking Tags
(MT Type)
7.5 mm
9.8 mm
14.5 mm
30 x 23.3 mm
36 x 23.3 mm
45 x 27.3 mm
12 mm
16 mm
16 mm
Polyamide 6.6
Polyamide 6.6
Polyamide 6.6
1 screw clamp connection
1 screw clamp connection
1 screw clamp connection
22-12 AWG 0.5-6 sq.mm 22-12 AWG 9-6 AWG 6-16 sq.mm 10-6 AWG 7-2 AWG 10-35 sq.mm 8-2 AWG
25 A
41 A
76 A
76 A
125 A
125 A
14 lb-in
0.8 Nm
14 lb-in
14 lb-in 2.0 Nm 17.5 lb-in
25 lb-in 2.5 Nm 25 lb-in
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
CENC4
50
CENC16
50
CENC35
50
NEB10
1 m
NEB10
1 m
NEB10
1 m
NEB6
1 m
NEB6
1 m
NEB6
1 m
NES
50
NES
50
NES
50
CA202
50
CA202
50
CA202
50
MT5
100
MT6
100
MT6
100
CUS
CUS
CUS
* 140A current carrying capacity of busbar should be taken
into account while connecting loads.
** Consult for other available colors.
Green Cap **
49
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com


同様の部品番号 - CB16

メーカー部品番号データシート部品情報
logo
SAMWHA ELECTRIC
CB1608GA100 SAMWHA-CB1608GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA102 SAMWHA-CB1608GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA121 SAMWHA-CB1608GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA221 SAMWHA-CB1608GA221 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA300 SAMWHA-CB1608GA300 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

同様の説明 - CB16

メーカー部品番号データシート部品情報
logo
Altech corporation
24-12AWG ALTECH-24-12AWG Datasheet
218Kb / 1P
   High Temperature Ceramic Terminal Blocks
logo
Kemet Corporation
C0402C473J8NACTU KEMET-C0402C473J8NACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Temperature, Temperature Stable
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
   Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Kemet Corporation
C1812C223JDRACTU KEMET-C1812C223JDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C333KDRACTU KEMET-C1812C333KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1825C104KBRACTU KEMET-C1825C104KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1825C104KDRACTU KEMET-C1825C104KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C103KGRACTU KEMET-C2220C103KGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C154KBRACTU KEMET-C2220C154KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2225C153KHRACTU KEMET-C2225C153KHRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com