データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAR66 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 BAR66
部品情報  Silicon PIN Diode Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAR66 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAR66 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAR66 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PIN Diode Array
BAR66
Features
Surge protection device
Two PIN diodes, series configuration
Designed for surge overvoltage clamping in antiparallel connection
A bsolute M axim um R atings T a = 25
P aram eter
S ym bol
V alue
U nit
R everse voltage
V R
150
V
F orward current
IF
200
m A
F orward current (tp = 1
S)
IF
20
A
P ower dissipation, T S
25
1)
P tot
250
m W
O perating tem perature range
T op
-55to+150
S torage tem perature range
T stg
-55to+150
Junction - am bient
1)
R thJA
450
K /W
Note
1. P ackage m ounted on alum ina 15m m
16.7m m
0.7m m
Electrical Characteristics Ta = 25
Param eter
Sym bol
Test Condition
Min
Typ
Max
Unit
Reverse leakage
IR
IR =5
A
150
V
Forward voltage
VF
IF = 50 m A
0.95
1.2
V
VR = 35V, f = 1MHz
0.4
0.6
VR = 0 , f = 100 MHz
0.35
Forward resistance
rf
IF = 10m A, f = 100MHz
1.5
Charge carrier life tim e
ôS
IF =10 m A, IR =6 m A, IR =3 m A
0.7
s
Series inductance
LS
2nH
Diode capacitance
CT
pF
Marking
Marking
PMs


同様の部品番号 - BAR66

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAR66 SIEMENS-BAR66 Datasheet
22Kb / 2P
   Silicon PIN Diode Array (Surge protection device Two PIN diodes, series configuration)
logo
Infineon Technologies A...
BAR66 INFINEON-BAR66 Datasheet
417Kb / 4P
   Silicon PIN Diode Array
Feb-04-2003
BAR66 INFINEON-BAR66 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
BAR66 INFINEON-BAR66_07 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
More results

同様の説明 - BAR66

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
209Kb / 8P
   Silicon PIN diode array
Rev. 2-7 September 2010
logo
Quanzhou Jinmei Electro...
BAP70AM_2015 JMNIC-BAP70AM_2015 Datasheet
56Kb / 7P
   Silicon PIN diode array
BAP70AM JMNIC-BAP70AM_15 Datasheet
56Kb / 7P
   Silicon PIN diode array
logo
Infineon Technologies A...
BAR66 INFINEON-BAR66 Datasheet
417Kb / 4P
   Silicon PIN Diode Array
Feb-04-2003
BAR66 INFINEON-BAR66_07 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
logo
NXP Semiconductors
BAP70AM NXP-BAP70AM Datasheet
49Kb / 7P
   Silicon PIN diode array
Rev. 01 20 November 2006
logo
Infineon Technologies A...
BAR90-081LS INFINEON-BAR90-081LS Datasheet
677Kb / 8P
   Silicon Trench PIN Diode Array
2009-01-26
logo
Vishay Siliconix
S268P VISHAY-S268P Datasheet
80Kb / 5P
   Silicon PIN Photodiode Array
Rev. 2, 20-May-99
logo
Siemens Semiconductor G...
BAR66 SIEMENS-BAR66 Datasheet
22Kb / 2P
   Silicon PIN Diode Array (Surge protection device Two PIN diodes, series configuration)
SMBD2837 SIEMENS-SMBD2837 Datasheet
100Kb / 4P
   Silicon Switching Diode Array
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com