データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4425 データシート(PDF) 6 Page - TelCom Semiconductor, Inc

部品番号 TC4425
部品情報  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4425 データシート(HTML) 6 Page - TelCom Semiconductor, Inc

  TC4425 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4425 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4425 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4425 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4425 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4425 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4425 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-242
TELCOM SEMICONDUCTOR, INC.
SUPPLY CURRENT CHARACTERISTICS (Load on Single Output Only)
10,000 pF
10,000 pF
Supply Current vs. Capacitive Load
100
1000
10,000
60
50
40
30
20
10
0
Supply Current vs. Capacitive Load
100
1000
10,000
Supply Current vs. Capacitive Load
100
1000
10,000
Supply Current vs. Frequency
FREQUENCY (kHz)
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
90
80
70
60
50
40
30
20
10
0
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
355 kHz
200 kHz
35.5 kHz
634 kHz
2 MHz
100 pF
1000 pF
4700 pF
100 pF
V
= 12V
DD
V
= 12V
DD
V
= 6V
DD
CLOAD (pF)
V
= 18V
DD
60
50
40
30
20
10
0
10
100
1000
112.5 kHz
20 kHz
3300 pF
100 pF
1000 pF
63.4 kHz
DD
V
= 18V
3300 pF
1000 pF
1.125 MHz
634 kHz
355 kHz
200 kHz
112.5 kHz
63.4 kHz
20 kHz
90
80
70
60
50
40
30
20
10
0
634 kHz
355 kHz
112.5 kHz
20 kHz
2 MHz
1.125 MHz
3.55 MHz
120
100
80
60
40
20
0
10,000 pF
DD
V
= 6V
2200 pF
120
100
80
60
40
20
0
CLOAD (pF)
CLOAD (pF)
3A DUAL HIGH-SPEED
MOSFET DRIVERS
TC4423
TC4424
TC4425


同様の部品番号 - TC4425

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4425 MICROCHIP-TC4425 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4425 MICROCHIP-TC4425 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4425 MICROCHIP-TC4425 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4425A MICROCHIP-TC4425A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4425A MICROCHIP-TC4425A Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results

同様の説明 - TC4425

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com