データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4431 データシート(PDF) 4 Page - TelCom Semiconductor, Inc

部品番号 TC4431
部品情報  1.5A HIGH-SPEED 30V MOSFET DRIVERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4431 データシート(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4431 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4431 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4431 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4431 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-260
TELCOM SEMICONDUCTOR, INC.
+5V
INPUT
10%
90%
10%
90%
10%
90%
VDD
OUTPUT
tD1
0V
0V
90%
10%
10%
10%
tF
90%
+5V
INPUT
VDD
OUTPUT
0V
0V
90%
OUTPUT
INPUT
0.1
µF
CL = 1000 pF
4.7
µF
VDD= 30V
Inverting Driver
4, 5
2
7
Noninverting Driver
tF
tD2
tR
tR
tD1
tD2
INPUT: 100 kHz, square wave,
tRISE = tFALL ≤ 10nsec
1, 8
6
3
LOCK DIS.
Supply Current vs. Capacitive Load
100
1000
10,000
2 MHz
600 kHz
200 kHz
20 kHz
900 kHz
V
= 12V
DD
C
(pF)
LOAD
60
50
40
30
20
10
0
Input Current vs. Input Voltage
Input Voltage (VIN)
50
3
6
12
15
18
21
24
27
30
9
40
30
20
10
0
WITHOUT 1K RES.
45
35
25
15
5
WITH 1K RES.
Rise/Fall Time vs. VDD
CLOAD = 1000pf at 25 C
VDD (VOLTS)
3
6
12
15
18
21
24
27
30
9
150
125
100
75
50
25
0
TR
TD1 and TD2 Delay vs. VDD
CLOAD = 1000pf at 25 C
VDD (VOLTS)
3
6
12
15
18
21
24
27
30
9
300
250
200
150
100
50
0
TD2
TD1
TF
Figure 1. Switching Time Test Circuit
TYPICAL CHARACTERISTICS
1.5A HIGH-SPEED 30V MOSFET DRIVERS
TC4431
TC4431


同様の部品番号 - TC4431

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
TC4431 MICROCHIP-TC4431 Datasheet
293Kb / 18P
   1.5A High-Speed 30V MOSFET Drivers
10/05/07
TC4431CJA MICROCHIP-TC4431CJA Datasheet
334Kb / 17P
   1.5A High-Speed 30V MOSFET Drivers
2003
TC4431COA MICROCHIP-TC4431COA Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
TC4431COA MICROCHIP-TC4431COA Datasheet
334Kb / 17P
   1.5A High-Speed 30V MOSFET Drivers
2003
More results

同様の説明 - TC4431

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
   1.5A High-Speed 30V MOSFET Drivers
2003
TC4432VOA MICROCHIP-TC4432VOA Datasheet
293Kb / 18P
   1.5A High-Speed 30V MOSFET Drivers
10/05/07
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com