データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4626 データシート(PDF) 6 Page - TelCom Semiconductor, Inc

部品番号 TC4626
部品情報  POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4626 データシート(HTML) 6 Page - TelCom Semiconductor, Inc

  TC4626 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4626 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4626 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4626 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4626 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4626 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4626 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-276
TELCOM SEMICONDUCTOR, INC.
TC4626
TC4627
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
TYPICAL CHARACTERISTICS
TC4626 VOH vs. Frequency
VS = 5V, Temperature = –55°C
TC4626 VOH vs. Frequency
VS = 5V, Temperature = 25°C
5
500 1,000 1,500 2,000 2,500
3,000 3,500
16
14
12
10
8
6
4
2
0
14
12
10
8
6
4
2
0
10
500 1,000 1,500 2,000 2,500
3,000 3,500
FREQUENCY (kHz)
FREQUENCY (kHz)
-40
-20
0
20
40
60
80
60
50
40
30
20
0
Delay Time vs. Temperature
VS = 5V, CLOAD= 1000 pF
100
TD2
TR
TEMPERATURE (
°C)
Delay Time vs. Temperature
VS = 6V, CLOAD= 1000 pF
TEMPERATURE (
°C)
10
120
-40
-20
0
20
40
60
80
TD1
50
40
30
20
0
100
TD2
TR
10
120
TD1
470pF
2200pF
1000pF
470pF
2200pF
1000pF
FREQUENCY (kHz)
-40 -20
0
20
40
60
80
100
80
60
40
20
0
TC4626 VOH vs. Frequency
VS = 5V, Temperature = 125°C
Delay Time vs. Temperature
VS = 4V, CLOAD = 1000pF
100
5
500 1,000 1,500 2,000 2,500
3,000 3,500
14
12
10
8
6
4
2
0
TR
TEMPERATURE (
°C)
470pF
2200pF 1000pF
120
TF
TF
TF
TD1
TD2
Input = 0-5V;
TR & TF <10nsec;
@ <20 kHz
Input = 0-5V;
TR & TF <10nsec;
@ <20 kHz
Input = 0-5V;
TR & TF <10nsec;
@ <20 kHz


同様の部品番号 - TC4626

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4626 MICROCHIP-TC4626 Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
TC4626COE MICROCHIP-TC4626COE Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
TC4626COE MICROCHIP-TC4626COE Datasheet
255Kb / 18P
   Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
TC4626CPA MICROCHIP-TC4626CPA Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
TC4626CPA MICROCHIP-TC4626CPA Datasheet
255Kb / 18P
   Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
More results

同様の説明 - TC4626

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4626 MICROCHIP-TC4626 Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
TC4626 MICROCHIP-TC4626_13 Datasheet
255Kb / 18P
   Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
logo
New Japan Radio
NJU7670 NJRC-NJU7670 Datasheet
240Kb / 7P
   VOLTAGE TRIPLER
logo
BOWEI Integrated Circui...
HE011 BOWEI-HE011 Datasheet
333Kb / 3P
   Daubler Tripler Quintapler
logo
Texas Instruments
TPS60140 TI-TPS60140 Datasheet
476Kb / 18P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
   CMOS Dual Peripheral Drivers
logo
Texas Instruments
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
logo
New Japan Radio
NJM2238 NJRC-NJM2238 Datasheet
189Kb / 5P
   VIDEO SUB-CARRIER SIGNAL TRIPLER
logo
Texas Instruments
TPS60140 TI-TPS60140_15 Datasheet
958Kb / 24P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5V,100-MA CHARGE PUMP VOLTAGE TRIPLER
logo
Fairchild Semiconductor
RMWT11001 FAIRCHILD-RMWT11001 Datasheet
125Kb / 7P
   11-33 GHz Tripler MMIC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com