データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCX71J データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 BCX71J
部品情報  PNP General Purpose Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX71J データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX71J Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX71J Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
IE =0; VCB = -45 V
-20
nA
ICBO
IE =0; VCB =-45 V; Tamb = 150
-20
ìA
Emitter cutoff current
IEBO
IC =0; VEB =-4V
-20
nA
DC current gain
BCX71H
30
BCX71J
40
BCX71K
100
DC current gain
BCX71H
180
310
BCX71J
250
460
BCX71K
380
630
DC current gain
BCX71H
80
BCX71J
100
BCX71K
110
IC =-10 mA; IB = -0.25 mA
-60
-250
mV
IC =-50 mA; IB = -1.25 mA; *
-120
-550
mV
IC =-10 mA; IB = -0.25 mA
-600
-850
mV
IC =-50 mA; IB = -1.25 mA; *
-680
-1050
mV
Base to emitter voltage
VBE
IC =-2mA; VCE = -5 V
-600
-650
-750
mV
Collector capacitance
CC
IE =Ie=0; VCB = -10 V; f = 1 MHz
4.5
pF
Emitter capacitance
Ce
IC =Ic = 0; VEB = -0.5 V; f = 1 MHz
11
pF
Transition frequency
fT
IC =-10 mA; VCE = -5 V; f = 100 MHz
100
MHz
Noise figure
NF
IC =-200ìA; VCE =-5V; RS =2kÙ;f =
1 kHz; B = 200 Hz
26
dB
* Pulse test: tp
300 ìs; d
0.02.
IC =-50 mA; VCE =-1V; *
IC =-2mA; VCE =-5V
Collector cutoff current
Collector-emitter saturation voltage
Base to emitter saturation voltage
VBE(sat)
VCE(sat)
hFE
hFE
hFE
IC =-10 ìA; VCE =-5V
BCX71H/J/K
hFE Classification
TYPE
BCX71H
BCX71J
BCX71K
Marking
BH
BJ
BK


同様の部品番号 - BCX71J

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCX71J PHILIPS-BCX71J Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Guangdong Kexin Industr...
BCX71J KEXIN-BCX71J Datasheet
1Mb / 2P
   PNP Transistors
logo
Samsung semiconductor
BCX71J SAMSUNG-BCX71J Datasheet
30Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
BCX71J KEXIN-BCX71J Datasheet
1Mb / 2P
   PNP Transistors
logo
Siemens Semiconductor G...
BCX71J SIEMENS-BCX71J Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

同様の説明 - BCX71J

メーカー部品番号データシート部品情報
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com