データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4405EPA データシート(PDF) 6 Page - TelCom Semiconductor, Inc

部品番号 TC4405EPA
部品情報  1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4405EPA データシート(HTML) 6 Page - TelCom Semiconductor, Inc

  TC4405EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4405EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4405EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4405EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4405EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4405EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-224
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTICS (Cont.)
Pull-Up Output Resistance
TEMPERATURE (
°C)
4.0
3.5
3.0
2.5
2.0
–55 –35 –15 5
25 45 65 85 105 125
Quiescent Supply Current
vs. Temperature
46
8
10
12
14
16
18
25
20
15
10
8
5
46
8
10
12
14
16
18
25
20
15
10
8
5
Pull-Down Output Resistance
VDD = 18V
BOTH INPUTS = 1
WORST CASE
@ TJ = +150°C
TYP @ +25
°C
TYP @ +25
°C
VDD
WORST CASE
@ TJ = +150°C
VDD
TYPICAL APPLICATIONS
RT
RT
VDD
(4.5V–18V)
FROM TTL
GND
VOUT
TC4404
RIB
RIB
VDD
(4.5V – 18V)
GND
FROM TTL
TC4405
Zero Crossover Current Totem-Pole Switch
Driving Bipolar Transistors
Servo Motor Control
47 k
47 k
0.1 µF
0.1 µF
15V
15V
RT
RT
I SENSE
+24V
+12V
DIRECTION
(TTL LEVEL)
SPEED
(PWM)
MOTOR
TC4404
TC4469
GND
FROM TTL
–12V
+12V
+5V
GND
–12V
+12V
+5V
GND
SWITCHED
+12V
SWITCHED
–12V
TC4404
REACH-UP AND REACH-DOWN DRIVING
TC4404
TC4405
1.5A DUAL OPEN-DRAIN
MOSFET DRIVERS


同様の部品番号 - TC4405EPA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4405EPA MICROCHIP-TC4405EPA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4405EPA MICROCHIP-TC4405EPA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4405EPA MICROCHIP-TC4405EPA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4405EPA MICROCHIP-TC4405EPA Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
More results

同様の説明 - TC4405EPA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com