データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4467COE データシート(PDF) 8 Page - TelCom Semiconductor, Inc

部品番号 TC4467COE
部品情報  LOGIC-INPUT CMOS QUAD DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4467COE データシート(HTML) 8 Page - TelCom Semiconductor, Inc

  TC4467COE Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4467COE Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4467COE Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4467COE Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4467COE Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4467COE Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4467COE Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4467COE Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4467COE Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4-268
TELCOM SEMICONDUCTOR, INC.
SUPPLY CURRENT CHARACTERISTICS (Load on Single Output Only)
60
0
100
1000
10,000
C
(pF)
LOAD
50
40
30
20
10
2 MHz
1 MHz
500 kHz
200 kHz
20 kHz
V
= 18V
DD
Supply Current vs. Capacitive Load
60
0
100
1000
FREQUENCY (kHz)
50
40
30
20
10
V
= 18V
DD
2200 pF
1000 pF
100 pF
10
Supply Current vs. Frequency
10,000
60
0
100
1000
10,000
50
40
30
20
10
C
(pF)
LOAD
V
= 12V
DD
2 MHz
1 MHz
500 kHz
200 kHz
20 kHz
Supply Current vs. Capacitive Load
60
0
10
100
FREQUENCY (kHz)
50
40
30
20
10
1000
2200 pF
1000 pF
100 pF
V
= 12V
DD
Supply Current vs. Frequency
10,000
60
50
40
30
20
10
0
100
1000
10,000
C
(pF)
LOAD
1 MHz
500 kHz
200 kHz
20 kHz
2 MHz
V
= 6V
DD
Supply Current vs. Capacitive Load
60
0
10
1000
100
FREQUENCY (kHz)
50
40
30
20
10
V
= 6V
DD
2200 pF
1000 pF
100 pF
Supply Current vs. Frequency
10,000
LOGIC-INPUT CMOS
QUAD DRIVERS
TC4467
TC4468
TC4469


同様の部品番号 - TC4467COE

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4467COE MICROCHIP-TC4467COE Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467COE MICROCHIP-TC4467COE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467COE713 MICROCHIP-TC4467COE713 Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
More results

同様の説明 - TC4467COE

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
   Logic-Input CMOS Quad Drivers
2002
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
   Logic-Input CMOS Quad Drivers
11/27/12
TC4467EOE MICROCHIP-TC4467EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com