データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC530COI データシート(PDF) 9 Page - TelCom Semiconductor, Inc

部品番号 TC530COI
部品情報  5V PRECISION DATA ACQUISITION SUBSYSTEMS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC530COI データシート(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC530COI Datasheet HTML 5Page - TelCom Semiconductor, Inc TC530COI Datasheet HTML 6Page - TelCom Semiconductor, Inc TC530COI Datasheet HTML 7Page - TelCom Semiconductor, Inc TC530COI Datasheet HTML 8Page - TelCom Semiconductor, Inc TC530COI Datasheet HTML 9Page - TelCom Semiconductor, Inc TC530COI Datasheet HTML 10Page - TelCom Semiconductor, Inc TC530COI Datasheet HTML 11Page - TelCom Semiconductor, Inc TC530COI Datasheet HTML 12Page - TelCom Semiconductor, Inc TC530COI Datasheet HTML 13Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
3-55
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Auto Zero Phase (AZ)
This phase compensates for errors due to buffer, inte-
grator and comparator offset voltages. During this phase, an
internal feedback loop forces a compensating error voltage
on auto zero capacitor (CAZ). The duration of the AZ phase
is programmable via the serial port (see also Programming
AZ and INT Phase Duration paragraph of this document).
Input Integrate Phase (INT)
In this phase, a current directly proportional to differen-
tial input voltage is sourced into integrating capacitor CINT.
The amount of voltage stored on CINT at the end of the INT
phase is directly proportional to the applied differential input
voltage. Input signal polarity (sign bit) is determined at the
end of this phase. Converter resolution and conversion
speed is a function of the duration of the INT phase, which
is programmable by the user via the serial port (see also
Programming AZ and INT Phase Duration paragraph of this
document). The shorter the integration time, the faster the
speed of conversion, but the lower the resolution. Con-
versely, the longer the integration time, the greater the
resolution, but at slower the speed of conversion.
Reference Deintegrate Phase (DINT)
This phase consists of measuring the time for the
integrator output to return (at a rate determined by the
external reference voltage) from its initial voltage to 0V. The
resulting timer data is stored in the output shift register as
converted analog data.
Integrator Output Zero Phase (IZ)
This phase guarantees the integrator output is at zero
volts when the AZ phase is entered so that only true system
offset voltages will be compensated for.
All internal converter timing is derived from the fre-
quency source at OSCIN and OSCOUT. This frequency
source must be either an externally provided clock signal, or
an external crystal. If an external clock is used, it must be
connected to the OSCIN pin and the OSCOUT pin must
remain floating. If a crystal is used, it must be connected
between OSCIN and OSCOUT and physically located as
close to the OSCIN and OSCOUT pins as possible. In either
case, the incoming clock frequency is divided by four and the
resulting clock serves as the internal TC530/534 timebase.
APPLICATIONS
Programming the TC530/534
AZ and INT Phase Duration:
These two phases have equal duration determined by
the crystal (or external) frequency and the timer initialization
byte (LOAD VALUE). Timing is selected as follows:
(1) Select Integration Time
Integration time must be picked as a multiple of the
period of the line frequency. For example, tINT times
of 33msec, 66msec and 132msec maximize 60Hz
line rejection.
(2) Estimate Crystal Frequency
Crystal frequencies as high as 2MHz are allowed.
Crystal frequency is estimated using:
FIN =
2(R)
tINT
where: R
= Desired Converter Resolution
(in counts)
FIN = Input Frequency (in MHz)
INT = Integration Time (in seconds)
(3) Calculate LOAD VALUE
[LOAD VALUE]10 = 256 –
1024
(tINT)(FIN)
FIN can be adjusted to a standard value during this step.
The resulting base -10 LOAD VALUE must be converted to
a hexadecimal number, then loaded into the serial port prior
to initiating A/D conversion.
DINT and IZ Phase Timing
The duration of the DINT phase is a function of the
amount of voltage stored on the integrator capacitor during
INT, and the value of VREF. The DINT phase is initiated
immediately following INT and terminated when an integra-
tor output zero-crossing is detected. In general, the maxi-
mum number of counts chosen for DINT is twice that of INT
(with VREF chosen at VIN(max)/2).
System RESET
The TC530/534 must be forced into the AZ state when
power is first applied. A .01
µF capacitor connected from
RESET to VCC (or external system reset logic signal) can be
used to momentarily drive RESET high for a minimum of
100msec.
Selecting Component Values for the TC530/534
(1) Calculate Integrating Resistor (RINT)
The desired full-scale input voltage and amplifier
output current capability determine the value of RINT.
The buffer and integrator amplifiers each have a full-
scale current of 20
µA.
The value of RINT is therefore directly calculated as
follows:
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534


同様の部品番号 - TC530COI

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC530COI MICROCHIP-TC530COI Datasheet
527Kb / 22P
   5V Precision Data Acquisition Subsystems
2002
More results

同様の説明 - TC530COI

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC530 MICROCHIP-TC530 Datasheet
527Kb / 22P
   5V Precision Data Acquisition Subsystems
2002
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
   High-Precision Data Acquisition
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Analog Devices
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
   24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
   Data Acquisition MCU
Rev 1 January 2006
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
   Multi-channel data acquisition
2013 - 2014
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com