データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP52 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 BCP52
部品情報  PNP Medium Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP52 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP52 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP52 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
PNP Medium Power Transistors
BCP51,BCP52,BCP53
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
Features
High collector current
1.3 W power dissipation.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage (open emitter)
BCP51
-45
V
BCP52
-60
V
BCP53
-100
V
Collector-emitter voltage(open base)
BCP51
-45
V
BCP52
-60
V
BCP53
-80
V
Emitter-base voltage( open collector)
VEBO
-5
V
Collector current
IC
-1
A
Peak collector current
ICM
-1.5
A
Peak base current
IBM
-0.2
A
Total power dissipation Tamb
25
Ptot
1.3
W
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient
Rth(j-a)
95
K/W
Thermal resistance from junction to solder point
Rth(j-s)
14
K/W
VCBO
VCEO
1base
2 collector
3 emitter


同様の部品番号 - BCP52

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP52 PHILIPS-BCP52 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
SHENZHEN YONGERJIA INDU...
BCP52 WINNERJOIN-BCP52 Datasheet
194Kb / 3P
   TRANSISTOR (PNP)
logo
Nexperia B.V. All right...
BCP52 NEXPERIA-BCP52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
logo
STMicroelectronics
BCP52 STMICROELECTRONICS-BCP52 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
October 1997
logo
NXP Semiconductors
BCP52 NXP-BCP52 Datasheet
1Mb / 22P
   PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
Rev. 9-18 October 2011
More results

同様の説明 - BCP52

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com