データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP55 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 BCP55
部品情報  NPN Medium Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP55 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP55 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP55 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 base
2 collector
3 emitter
NPN Medium Power Transistor
BCP54; BCP55; BCP56
Features
High collector current
1.3 W power dissipation.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
collector-base voltage
BCP54
45
V
BCP55
60
V
BCP56
100
V
collector-emitter voltage
BCP54
45
V
BCP55
60
V
BCP56
80
V
emitter-base voltage
VEBO
5V
collector current (DC)
IC
1A
peak collector current
ICM
1.5
A
peak base current
IBM
0.2
A
total power dissipation
Ptot
1.33
W
storage temperature
Tstg
-65to+150
junction temperature
Tj
150
operating ambient temperature
Tamb
-65to+150
thermal resistance from junction to ambient
Rth j-a
94
K/W
thermal resistance from junction to soldering point
Rth j-s
13
K/W
VCBO
VCEO


同様の部品番号 - BCP55

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP55 PHILIPS-BCP55 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
SHENZHEN YONGERJIA INDU...
BCP55 WINNERJOIN-BCP55 Datasheet
186Kb / 3P
   TRANSISTOR (NPN)
logo
Nexperia B.V. All right...
BCP55 NEXPERIA-BCP55 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
logo
STMicroelectronics
BCP55 STMICROELECTRONICS-BCP55 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
Continental Device Indi...
BCP55 CDIL-BCP55 Datasheet
211Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

同様の説明 - BCP55

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
logo
Rohm
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
   NPN medium power transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com