データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4150W データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 1N4150W
部品情報  SMALL SIGNAL DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N4150W データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1N4150W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
SMALLSIGNALDIODES
1N4150W
Features
Silicon Epitaxial Planar Diode
Fast general purpose and switching.
This diods is also available in other case styles including:
the DO-35 case with the type designation 1N4150 and
the Mini-MELF case with the type disignation LL4150.
Absolute Maximum Ratings Ta = 25
Paramater
Symbol
Value
Unit
Peak Reverse voktage
VRM
50
V
Maximum Average Rectified Current
Io
200
mA
Maximum Power Dissipation at Tamb = 25
Ptot
410
(1)
mW
Maximum Forward Voltage Drop at IF = 200mA
VF
1.0
V
Maximum Reverse Current at VR =50V
IR
100
nA
Maximum Reverse Recovery Time at IF =10to200 mA, to0.1 IF
Trr
4.0
ns
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Ts
-65 to+150
NOTES::
(1) Valid provided that electrodes are kept at ambient temperature


同様の部品番号 - 1N4150W

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4150W PANJIT-1N4150W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
1N4150W WTE-1N4150W Datasheet
30Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
General Semiconductor
1N4150W GE-1N4150W Datasheet
79Kb / 1P
   SMALL SIGNAL DIODES
logo
Won-Top Electronics
1N4150W WTE-1N4150W Datasheet
40Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
SUNMATE electronic Co.,...
1N4150W SUNMATE-1N4150W Datasheet
678Kb / 1P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

同様の説明 - 1N4150W

メーカー部品番号データシート部品情報
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
   Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
   Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
   SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
   Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
   SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
   Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
   Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
   Small Signal Diodes
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
   SMALL SIGNAL DIODES
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
   SMALL SIGNAL DIODES
logo
Fairchild Semiconductor
MMBD1401 FAIRCHILD-MMBD1401_02 Datasheet
57Kb / 2P
   Small Signal Diodes
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com