データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS87C52X2 データシート(PDF) 5 Page - TEMIC Semiconductors

部品番号 TS87C52X2
部品情報  8-bit CMOS Microcontroller 0-60 MHz
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS87C52X2 データシート(HTML) 5 Page - TEMIC Semiconductors

  TS87C52X2 Datasheet HTML 1Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 2Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 3Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 4Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 5Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 6Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 7Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 8Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Rev. B - Jan. 25, 1999
5
Preliminary
TS80C52X2
Table 3. Pin Description for 40/44 pin packages
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
DIL
LCC
VQFP 1.4
VSS
20
22
16
I
Ground: 0V reference
Vss1
1
39
I
Optional Ground: Contact the Sales Office for ground connection.
VCC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power-
down operation
P0.0-P0.7
39-32
43-36
37-30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high impedance inputs.Port 0 pins must
be polarized to Vcc or Vss in order to prevent any parasitic current consumption.
Port 0 is also the multiplexed low-order address and data bus during access to
external program and data memory. In this application, it uses strong internal
pull-up when emitting 1s. Port 0 also inputs the code bytes during EPROM
programming. External pull-ups are required during program verification during
which P0 outputs the code bytes.
P1.0-P1.7
1-8
2-9
40-44
1-3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1
pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, Port 1 pins that are externally pulled low will
source current because of the internal pull-ups. Port 1 also receives the low-order
address byte during memory programming and verification.
Alternate functions for Port 1 include:
1
2
40
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
2
3
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control
P2.0-P2.7
21-28
24-31
18-25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2
pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, Port 2 pins that are externally pulled low will
source current because of the internal pull-ups. Port 2 emits the high-order address
byte during fetches from external program memory and during accesses to external
data memory that use 16-bit addresses (MOVX @DPTR).In this application, it
uses strong internal pull-ups emitting 1s. During accesses to external data memory
that use 8-bit addresses (MOVX @Ri), port 2 emits the contents of the P2 SFR.
Some Port 2 pins receive the high order address bits during EPROM programming
and verification:
P2.0 to P2.4
P3.0-P3.7
10-17
11,
13-19
5,
7-13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3
pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, Port 3 pins that are externally pulled low will
source current because of the internal pull-ups. Port 3 also serves the special
features of the 80C51 family, as listed below.
10
11
5
I
RXD (P3.0): Serial input port
11
13
7
O
TXD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt 0
13
15
9
I
INT1 (P3.3): External interrupt 1
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
Reset
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset
using only an external capacitor to VCC.


同様の部品番号 - TS87C52X2

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TS87C52X2 TEMIC-TS87C52X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS87C52X2 ATMEL-TS87C52X2 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-LCA ATMEL-TS87C52X2-LCA Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-LCB ATMEL-TS87C52X2-LCB Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-LCC ATMEL-TS87C52X2-LCC Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results

同様の説明 - TS87C52X2

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com