データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4N36-X007 データシート(PDF) 6 Page - Vishay Siliconix

部品番号 4N36-X007
部品情報  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N36-X007 データシート(HTML) 6 Page - Vishay Siliconix

  4N36-X007 Datasheet HTML 1Page - Vishay Siliconix 4N36-X007 Datasheet HTML 2Page - Vishay Siliconix 4N36-X007 Datasheet HTML 3Page - Vishay Siliconix 4N36-X007 Datasheet HTML 4Page - Vishay Siliconix 4N36-X007 Datasheet HTML 5Page - Vishay Siliconix 4N36-X007 Datasheet HTML 6Page - Vishay Siliconix 4N36-X007 Datasheet HTML 7Page - Vishay Siliconix 4N36-X007 Datasheet HTML 8Page - Vishay Siliconix 4N36-X007 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83717
Rev. 1.5, 27-Jan-05
4N35/ 4N36/ 4N37/ 4N38
Vishay Semiconductors
Figure 9. Normalized Photocurrent vs. IF and Temp.
Figure 10. Normalized Non-saturated HFE vs. Base Current and
Temperature
Figure 11. Normalized HFE vs. Base Current and Temp.
i4n25_09
0.
Normalized to:
0.01
1
1
10
IF - LED Current - mA
.1
1
10
100
IF=10 mA, TA=25°C
Nib, TA=–20°C
Nib, TA= 25°C
Nib, TA= 50°C
Nib, TA= 70°C
i4n25_10
0.4
0.6
1.0
1.2
Normalized to:
Ib - Base Current -
µA
110
100
1000
Ib=20
µA, Vce=10 V, TA=25°C
25°C
70°C
–20°C
0.8
i4n25_11
0.0
0.5
1.0
1.5
25°C
–20°C
50°C
70°C
1
10
100
1000
Vce=10 V, Ib=20
µA
TA=25°C
Vce=0.4 V
Ib - Base Current -
µA
Normalized to:
Figure 12. Propagation Delay vs. Collector Load Resistor
Figure 13. Switching Timing
Figure 14. Switching Schematic
i4n25_12
1
10
100
1000
RL - Collector Load Resistor - k
2.5
2.0
1.5
1.0
.1
1
10
100
IF =10 mA,TA=25°C
VCC=5.0 V, Vth=1.5 V
tPLH
tPHL
i4n25_13
IF
tR
=1.5 V
VO
tD
tS
tF
tPHL
tPLH
VTH
i4n25_14
VCC =5.0 V
F=10 KHz,
DF=50%
RL
VO
IF=1 0 mA


同様の部品番号 - 4N36-X007

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
4N36-X007 VISHAY-4N36-X007 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.8, 16-Jan-12
More results

同様の説明 - 4N36-X007

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com