データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KDS3601 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 KDS3601
部品情報  100V Dual N-Channel PowerTrench MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDS3601 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KDS3601 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDS3601 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
IC
100V Dual N-Channel PowerTrench MOSFET
KDS3601
Features
1.3 A, 100 V. RDS(ON) = 480m
@VGS =10V
RDS(ON) = 530m
@VGS =6V
Low gate charge (3.7 nC typical)
Fast switching speed
High performance trench technology for extremely low RDS(ON)
High power and current handling capability
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to Source Voltage
VDSS
100
V
Gate to Source Voltage
VGS
20
V
Drain Current Continuous (Note 1a)
1.3
A
Drain Current Pulsed
6
A
Power Dissipation for Dual Operation
PD
2
Power Dissipation for Single Operation (Note 1a)
1.6
Power Dissipation for Single Operation (Note 1b)
1
Power Dissipation for Single Operation (Note 1c)
0.9
Operating and Storage Temperature
TJ,TSTG
-55to175
Thermal Resistance Junction to Case (Note 1)
R JC
40
/W
Thermal Resistance Junction to Ambient (Note 1a)
R JA
78
/W
ID
PD
W


同様の部品番号 - KDS3601

メーカー部品番号データシート部品情報
logo
ITT Industries
KDS33 ITT-KDS33 Datasheet
152Kb / 1P
   Intrusion Switches
logo
C&K Components
KDS33 CK-COMPONENTS-KDS33 Datasheet
130Kb / 1P
   Intrusion Switches
KDS33 CK-COMPONENTS-KDS33 Datasheet
209Kb / 2P
   Intrusion Switches
2022
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
KDS3912 KEXIN-KDS3912 Datasheet
63Kb / 2P
   100V Dual N-Channel PowerTrench MOSFET
More results

同様の説明 - KDS3601

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS3601 FAIRCHILD-FDS3601 Datasheet
89Kb / 5P
   100V Dual N-Channel PowerTrench MOSFET
FDS3912 FAIRCHILD-FDS3912 Datasheet
125Kb / 6P
   100V Dual N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3912 KEXIN-KDS3912 Datasheet
63Kb / 2P
   100V Dual N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDC3601N FAIRCHILD-FDC3601N Datasheet
91Kb / 5P
   Dual N-Channel 100V Specified PowerTrench MOSFET
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com