データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS80C32X2-VIER データシート(PDF) 9 Page - TEMIC Semiconductors

部品番号 TS80C32X2-VIER
部品情報  8-bit CMOS Microcontroller 0-60 MHz
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-VIER データシート(HTML) 9 Page - TEMIC Semiconductors

Back Button TS80C32X2-VIER Datasheet HTML 5Page - TEMIC Semiconductors TS80C32X2-VIER Datasheet HTML 6Page - TEMIC Semiconductors TS80C32X2-VIER Datasheet HTML 7Page - TEMIC Semiconductors TS80C32X2-VIER Datasheet HTML 8Page - TEMIC Semiconductors TS80C32X2-VIER Datasheet HTML 9Page - TEMIC Semiconductors TS80C32X2-VIER Datasheet HTML 10Page - TEMIC Semiconductors TS80C32X2-VIER Datasheet HTML 11Page - TEMIC Semiconductors TS80C32X2-VIER Datasheet HTML 12Page - TEMIC Semiconductors TS80C32X2-VIER Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Rev. B - Jan. 25, 1999
9
Preliminary
TS80C52X2
Table 4. CKCON Register
CKCON - Clock Control Register (8Fh)
Reset Value = XXXX XXX0b
Not bit addressable
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
X2
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
X2
CPU and peripheral clock bit
Clear to select 12 clock periods per machine cycle (STD mode, FOSC=FXTAL/2).
Set to select 6 clock periods per machine cycle (X2 mode, FOSC=FXTAL).


同様の部品番号 - TS80C32X2-VIER

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS80C32X2-VIE ATMEL-TS80C32X2-VIE Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results

同様の説明 - TS80C32X2-VIER

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com