データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2300 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 SI2300
部品情報  N-Channel Enhancement Mode Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2300 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2300 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2300 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
MOSFET
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
1. Gate
2. Source
3. Drain
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
10
V
Drain-Current
-Continuous * TJ=125
ID
3.8
A
-Pulsed
IDM
15
A
Power Dissipation *
PD
1.25
W
Thermal Resistance,Junction- to-Ambient
RthJA
100
/W
Operating Junction and Storage Temperature Range
Tj.Tstg
-55 to 150
* Surface Mounted on FR 4 Board ,t
10 sec.
N-Channel Enhancement Mode Field Effect Transistor
KI2300(SI2300)
Features
VDS=20V,RDS(ON)=40m
@VGS=4.5V,ID=5.0A
VDS=20V,RDS(ON)=60m
@VGS=2.5V,ID=4.0A
VDS=20V,,RDS(ON)=75m
@VGS=1.8V,ID=1.0A


同様の部品番号 - SI2300

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
logo
Guangdong Kexin Industr...
SI2300 KEXIN-SI2300 Datasheet
630Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
logo
ZP Semiconductor
SI2300 ZPSEMI-SI2300 Datasheet
503Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2300 HOTTECH-SI2300 Datasheet
283Kb / 3P
   N-Channel MOSFET
logo
Guangdong Kexin Industr...
SI2300-3 KEXIN-SI2300-3 Datasheet
751Kb / 2P
   N-Channel Enhancement MOSFET
More results

同様の説明 - SI2300

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com