データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2300 データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 SI2300
部品情報  N-Channel Enhancement Mode Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2300 データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2300 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2300 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
MOSFET
KI2300(SI2300)
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
VGS=0V,ID=250uA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
uA
Gate-Body Leakage
IGSS
VGS=
10V,VDS=0V
100
nA
Gate Threshold Voltage *
VGS(th)
VGS=VDS,ID=250uA
0.6
0.78
1.5
V
VGS=4.5V,ID=5.0A
32
40
m
VGS=2.5V,ID=4.0A
50
60
m
VGS=1.8V,ID=1.0A
62
75
m
On-State Drain Current *
ID(ON)
VDS=5V,VGS=4.5V
18
A
Forward Transconductance *
gFS
VDS=5V,ID=5A
5
S
Input Capacitance
CISS
888
pF
Output Capacitance
COSS
144
pF
Reverse Transfer Capacitance
CRSS
115
pF
Turn-On Delay Time
tD(on)
31.8
ns
Rise Time
tr
14.5
ns
Turn-Off Delay Time
tD(off)
50.3
ns
Fall Time
tf
31.9
ns
Total Gate Charge
Qg
16.8
nC
Gate-S ource Charge
Qgs
2.5
nC
Gate-Drain Charge
Qgd
5.4
nC
Drain-Source Diode Forward Current *
IS
1.25
A
Diode Forward Voltage
VSD
VGS=0V,IS=1.25A
0.825
1.2
V
* Pulse Test:Pulse Width
300
,Duty Cycle
2%
VDS = 10V, ID =3.5A,VGS =4.5V
RDS(ON)
Drain- Source on-state Resistance *
VDD=10V,ID=1A,VGS=4.5V,RL=10
,RGEN=6
VDS = 15V, VGS = 0V,f =1.0MHZ


同様の部品番号 - SI2300

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
logo
Guangdong Kexin Industr...
SI2300 KEXIN-SI2300 Datasheet
630Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
logo
ZP Semiconductor
SI2300 ZPSEMI-SI2300 Datasheet
503Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2300 HOTTECH-SI2300 Datasheet
283Kb / 3P
   N-Channel MOSFET
logo
Guangdong Kexin Industr...
SI2300-3 KEXIN-SI2300-3 Datasheet
751Kb / 2P
   N-Channel Enhancement MOSFET
More results

同様の説明 - SI2300

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com