データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3294 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 2SK3294
部品情報  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3294 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3294 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit: mm
1Gate
2Drain
3 Source
MOS Field Effect Transistor
2SK3294
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
250
V
Gate to source voltage
VGSS
30
V
ID
20
A
Idp *
60
A
Power dissipation
TC=25
100
TA=25
1.5
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s,Duty Cycle
1%
Drain current
PD
W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=250V,VGS=0
100
A
Gate leakage current
IGSS
VGS=
30V,VDS=0
10
A
Gat cutoff voltage
VGS(off)
VDS=10V,ID=1mA
2.5
4.5
V
Forward transfer admittance
Yfs
VDS=10V,ID=10A
6.0
S
Drain to source on-state resistance
RDS(on)
VGS=10V,ID=10A
120
160
m
Input capacitance
Ciss
1500
pF
Output capacitance
Coss
360
pF
Reverse transfer capacitance
Crss
220
pF
Turn-on delay time
ton
24
ns
Rise time
tr
78
ns
Turn-off delay time
toff
110
ns
Fall time
tf
60
ns
VDS=10V,VGS=0,f=1MHZ
ID=10A,VGS(on)=10V,RG=10
,VDD=125V
Features
Gate voltage rating
30 V
Low on-state resistance
RDS(on) = 160 m
MAX. (VGS =10V, ID =10A)
Low input capacitance
Ciss =1500pFTYP. (VDS =10V, VGS =0V)
Avalanche capability rated
Built-ingateprotectiondiode
Surface mount device available


同様の部品番号 - 2SK3294

メーカー部品番号データシート部品情報
logo
NEC
2SK3294 NEC-2SK3294 Datasheet
78Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
2SK3294 RENESAS-2SK3294 Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK3294-S NEC-2SK3294-S Datasheet
78Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
2SK3294-S RENESAS-2SK3294-S Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK3294-ZJ NEC-2SK3294-ZJ Datasheet
78Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results

同様の説明 - 2SK3294

メーカー部品番号データシート部品情報
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com