データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ207 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 2SJ207
部品情報  MOS Fied Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ207 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ207 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
1GATE
2 SOURCE
3 DRAIN
www.kexin.com.cn
MOS Fied Effect Transistor
2SJ207
Features
Directly driven by Ics having a 3V poer supply.
Has low on-state resistance
RDS(on)=4
MAX.@VGS=-2.5V,ID=-30mA
RDS(on)=1.5
MAX.@VGS=-4.0V,ID=-500mA
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Draintosourcevoltage VGS=0
VDSS
-16
V
Gate to source voltage
VDS=0
VGSS
16
V
Drain current (DC)
ID
1.0
A
Drain current(pulse) *
ID
2.0
A
Power dissipation
PD
2.0
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55 to +150
*PW
10 ms; d
50%.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=-16V,VGS=0
-10
A
Gate leakage current
IGSS
VGS=
16V,VDS=0
5
A
Gate cut-off voltage
VGS(off)
VDS=-5.0V,ID=-1mA
-1.4
-1.9
-2.4
V
Forward transfer admittance
Yfs
VDS=-3.0V,ID=-500mA
0.4
0.7
s
VGS=-2.5V,ID=-30mA
2.6
4.0
VGS=-4V,ID=-500mA
0.9
1.5
Input capacitance
Ciss
180
pF
Output capacitance
Coss
160
pF
Reverse transfer capacitance
Crss
50
pF
Turn-on delay time
td(on)
180
ns
Rise time
tr
500
ns
Turn-off delay time
td(off)
130
ns
Fall time
tf
240
ns
VDS=-3.0V,VGS=0,f=1MHZ
VGS(on)=-3V,RG=10
,VDD=-3V,ID=-
100mA RL=30
Drain to source on-state resistance
RDS(on)
Marking
Marking
PE


同様の部品番号 - 2SJ207

メーカー部品番号データシート部品情報
logo
NEC
2SJ207 NEC-2SJ207 Datasheet
335Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SJ207 RENESAS-2SJ207 Datasheet
568Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2006
logo
Guangdong Kexin Industr...
2SJ207 KEXIN-2SJ207_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

同様の説明 - 2SJ207

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SJ185 KEXIN-2SJ185 Datasheet
44Kb / 1P
   MOS Fied Effect Transistor
2SJ205 KEXIN-2SJ205 Datasheet
43Kb / 1P
   MOS Fied Effect Transistor
2SJ213 KEXIN-2SJ213 Datasheet
44Kb / 1P
   MOS Fied Effect Transistor
2SJ211 KEXIN-2SJ211 Datasheet
42Kb / 1P
   MOS Fied Effect Transistor
2SJ212 KEXIN-2SJ212 Datasheet
44Kb / 1P
   MOS Fied Effect Transistor
2SJ179 KEXIN-2SJ179 Datasheet
45Kb / 1P
   MOS Fied Effect Transistor
2SJ209 KEXIN-2SJ209 Datasheet
42Kb / 1P
   MOS Fied Effect Transistor
2SJ166 KEXIN-2SJ166 Datasheet
44Kb / 1P
   MOS Fied Effect Transistor
2SJ204 KEXIN-2SJ204 Datasheet
43Kb / 1P
   MOS Fied Effect Transistor
2SJ203 KEXIN-2SJ203 Datasheet
42Kb / 1P
   MOS Fied Effect Transistor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com