データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF998RA データシート(PDF) 2 Page - Vishay Siliconix

部品番号 BF998RA
部品情報  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF998RA データシート(HTML) 2 Page - Vishay Siliconix

  BF998RA Datasheet HTML 1Page - Vishay Siliconix BF998RA Datasheet HTML 2Page - Vishay Siliconix BF998RA Datasheet HTML 3Page - Vishay Siliconix BF998RA Datasheet HTML 4Page - Vishay Siliconix BF998RA Datasheet HTML 5Page - Vishay Siliconix BF998RA Datasheet HTML 6Page - Vishay Siliconix BF998RA Datasheet HTML 7Page - Vishay Siliconix BF998RA Datasheet HTML 8Page - Vishay Siliconix BF998RA Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BF998/BF998R/BF998RW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 4, 23-Jun-99
2 (9)
Document Number 85011
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Drain - source voltage
VDS
12
V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak current
±IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
±VG1S/G2S
7
V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
–65 to +150
°C
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Channel ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
mm Cu
RthChA
450
K/W
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max Unit
Drain - source
breakdown voltage
ID = 10 mA,
–VG1S = –VG2S = 4 V
V(BR)DS
12
V
Gate 1 - source
breakdown voltage
±IG1S = 10 mA,
VG2S = VDS = 0
±V(BR)G1SS
7
14
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA,
VG1S = VDS = 0
±V(BR)G2SS
7
14
V
Gate 1 - source
leakage current
±VG1S = 5 V,
VG2S = VDS = 0
±IG1SS
50
nA
Gate 2 - source
leakage current
±VG2S = 5 V,
VG1S = VDS = 0
±IG2SS
50
nA
Drain current
VDS = 8 V, VG1S = 0,
VG2S = 4 V
BF998/BF998R/
BF998RW
IDSS
4
18
mA
G2S
BF998A/BF998RA/
BF998RAW
IDSS
4
10.5
mA
BF998B/BF998RB/
BF998RBW
IDSS
9.5
18
mA
Gate 1 - source
cut-off voltage
VDS = 8 V, VG2S = 4 V,
ID = 20 mA
–VG1S(OFF)
1.0
2.0
V
Gate 2 - source
cut-off voltage
VDS = 8 V, VG1S = 0,
ID = 20 mA
–VG2S(OFF)
0.6
1.0
V


同様の部品番号 - BF998RA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BF998RA VISHAY-BF998RA Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998RA-GS08 VISHAY-BF998RA-GS08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998RAW VISHAY-BF998RAW Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998RAW-GS08 VISHAY-BF998RAW-GS08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
More results

同様の説明 - BF998RA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com