データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1096 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 2SA1096
部品情報  Silicon PNP Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1096 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1096 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1096 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1096 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SA1096 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SA1096 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1096 2SA1096A
DESCRIPTION
·
·With TO-126 package
·Complement to type 2SC2497/2SC2497A
APPLICATIONS
·For low-frequency power amplification
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-70
V
2SA1096
-50
VCEO
Collector- emitter voltage
2SA1096A
Open base
-60
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-2
A
ICM
Collector current-peak
-3
A
1.2*
1
PD
Total power dissipation
TC=25℃
5*
2
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~+150
Note) *1: Without heat sink
*2: With a 100 × 100 × 2 mm A1 heat sink


同様の部品番号 - 2SA1096

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SA1096 PANASONIC-2SA1096 Datasheet
70Kb / 4P
   Silicon NPN epitaxial planar type(For low-frequency power amplification)
2001 MAR
logo
Savantic, Inc.
2SA1096 SAVANTIC-2SA1096 Datasheet
144Kb / 5P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1096 JMNIC-2SA1096 Datasheet
207Kb / 5P
   Silicon PNP Power Transistors
2SA1096 JMNIC-2SA1096 Datasheet
207Kb / 5P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1096 NJSEMI-2SA1096 Datasheet
127Kb / 2P
   Silicon PNP Power Transistor
More results

同様の説明 - 2SA1096

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com