データシートサーチシステム |
|
MC-ACT-VME2416-VHD データシート(PDF) 5 Page - Actel Corporation |
|
MC-ACT-VME2416-VHD データシート(HTML) 5 Page - Actel Corporation |
5 / 7 page VME2416 Memec Design February 25, 2003 5 Optimized for Signal Descriptions The following signal descriptions define the IO signals. Signal Direction Description CLK Input Clock: System clock. This clock is provided by the user side interface which is part of the 40MHz clock domain. RESET_N Input System reset: Asynchronous system reset, active low. VME_ADDR[23:1] Input VME Address Bus: The smallest addressable unit is the byte location. Masters use address lines to select the data which has to be accessed VME_AM[5:0] Input VME Address Modifier Bus: Allow the master to pass additional binary information to the slave during data transfer cycles. VME_DATA_IN[15:0] Input VME Data Bus In: 16 write data lines are available. Depending on the control signals, only one byte can be used for the transfer on the user part. VME_DATA_OUT[15:0] Output VME Data Bus Out: 16 read data lines. For each access, the 16 data bits are read. VME_EXT_DRV_N Output VME External Data Drive: Active low drive enable signal for external bidirectional data bus drivers. VME_INT_DRV_N Output VME Internal Data Drive: Active low drive enable signal for internal bidirectional data bus drivers. VME_EXT_DDIR Output VME External Data Direction: Direction control signal for internal bidirectional data bus drivers. High indicates data to VME bus and low from VME bus. VME_LWORD_N Input VME Long Word: Active low signal indicating long word access. This signal is not used in the MC-ACT-VME2416. VME_DTACK_N Output VME Data Acknowledge: This active low signal acknowledges the data transfer. It has to be connected to an open collector driver. VME_AS_N Input VME Address Strobe: clocks with falling edge the internal synchronization signals like VME_ADDR and VME_AM. It is also used as data signal for access start detection. VME_DS0_N Input VME Data Strobe 0: Active low signal used for the selected location part of the data. Data strobe 0 is dedicated to the data[7:0]. VME_DS1_N Input VME Data Strobe 1: Active low signal used for the selected location part of the data. Data strobe 1 is dedicated to the data[15:8]. VME_WRITE_N Input VME Read/Write: Active low signal which is used by the master to indicate the data direction. VME_BERR_N Input VME Bus Error: Active low signal driven by other modules indicating that the data transfer was unsuccessful. VME_IACK_N Input VME Interrupt Acknowledge: When driven low, the VME_IACKIN_N causes the IACK daisy-chain driver, located in slot 1, to propagate a falling edge down the interrupt acknowledge daisy-chain. VME_IACKIN_N Input VME Interrupt Acknowledge Input Daisy-Chain: This active low signal is used as input of the module for the daisy-chain interrupt acknowledge. VME_IACKOUT_N Output VME Interrupt Acknowledge Output Daisy-Chain: This active low signal is used as output of the module for the daisy-chain interrupt acknowledge. VME_IRQ_N[6:0] Output VME Interrupt Request Lines: Interrupters request interrupts by driving an interrupt request line low. VME_IRQ_N[7] has the highest priority. These signals have to be connected to open collector drivers. INT_USER_ADDR[23:1] Output Registered VME Address Bus: Synchronized on the falling edge of VME_AS_N. This bus is used to decode the address and to active an access signal on the user part. INT_USER_AM[5:0] Output Registered VME Address Modifier Bus: Synchronized on the falling edge of VME_AS_N. This bus is used to decode the address modifier and to active an access signal on the user part. USER_ACCESS Input User Access Signal: The user has 50 ns time to decode the address and asserting the USER_ACCESS signal when addressed. |
同様の部品番号 - MC-ACT-VME2416-VHD |