データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-ACT-VME32-VHD データシート(PDF) 2 Page - Actel Corporation

部品番号 MC-ACT-VME32-VHD
部品情報  Flexible slave VME controller Full interrupt controller (ROAK)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTEL [Actel Corporation]
ホームページ  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-VME32-VHD データシート(HTML) 2 Page - Actel Corporation

  MC-ACT-VME32-VHD Datasheet HTML 1Page - Actel Corporation MC-ACT-VME32-VHD Datasheet HTML 2Page - Actel Corporation MC-ACT-VME32-VHD Datasheet HTML 3Page - Actel Corporation MC-ACT-VME32-VHD Datasheet HTML 4Page - Actel Corporation MC-ACT-VME32-VHD Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Functional Description
The falling edge of VME_AS (address strobe) will synchronize all the addresses (VME_ADDR and VME_AM) allowing the controller to decode them in order to define
if the present board is addressed or not. Since this moment, all signals on the VME bus have to be stable and the controller will execute the command depending on
the control signals (VME_DS0_N, VME_DS1_N, VME_WRITE_N, VME_LWORD_N, VME_IACK_N). The VME master has to release the VME_AS_N signal at the
end of a transfer to execute a new command.
WRITE DATA TRANSFER
When the VME_WRITE_N defines a write data transfer, the controller will assign the address (VME_ADDR) on the USER_ADDR bus, the address modifier
(VME_AM) on the USER_AM bus and the data (VME_DATA) on the USER_DATA bus. The signals VME_DS0_N and VME_DS1_N select the corresponding data
location according the following table:
Data Locations Selected
VME_DS0_N
VME_DS1_N
VME_ADDR01
VME_LWORD_N
VME_DATA_IN(7:0)
VME_DATA_IN(15:8)
VME_DATA_IN(7:0)
VME_DATA_IN(15:8)
Low
High
Low
High
High
Low
High
Low
Low
Low
High
High
High
High
High
High
VME_DATA_IN(31:8)
VME_DATA_IN(23:0)
VME_DATA_IN(23:16)
High
Low
Low
Low
High
Low
Low
Low
High
Low
Low
Low
VME_DATA_IN(15:0)
VME_DATA_IN(15:0
Low
Low
Low
Low
Low
High
High
High
VME_DATA_IN(31:0)
Low
Low
Low
Low
To execute the transfer on the user part, the controller will active a request signal (USER_ACC_REQ) with valid control signals. The data locations selected are
enabled with the signals USER_BE1 (bits 7:0), USER_BE2 (bits 15:8), USER_BE3 (bits 23:16) and USER_BE4 (bits 31:24). The transfer will be ended with the
acknowledge of the user part (USER_ACC_ACK).
Once the transfer executed, the controller will acknowledge the data transfer on the VME bus with the VME_DTACK_N. When seeing this acknowledge, the master
will release the VME_AS_N signal ending the actual data transfer.
READ DATA TRANSFER
When the VME_WRITE_N defines a read data transfer, the controller will assign the address (VME_ADDR) on the USER_ADDR bus and the address modifier
(VME_AM) on the USER_AM bus. As the write data transfer, the signals USER_BE1/2/3/4 are depending on the VME_DS0/1_N, VME_ADDR(1) and
VME_LWORD_N.
The controller will active a request signal (USER_ACC_REQ) until the acknowledge (USER_ACC_ACK) coming from the user part. The read data have to be valid
during this acknowledge.
Once ready, the data are transferred on the VME_DATA_OUT bus and acknowledged with the signal VME_DTACK_N. When seeing this acknowledge, the master
will release the VME_AS_N signal ending the actual data transfer.
INTERRUPT
The interrupts on the VME bus are generated by the different modules connected on the bus and are acknowledged through a daisy-chain interrupt line as shown on
the figure below:
Memory Board
(user part)
IO Board
(user part)
Interrupt Handler
VME Interface
iack_n
MC-ACT-VME
MC-ACT-VME


同様の部品番号 - MC-ACT-VME32-VHD

メーカー部品番号データシート部品情報
logo
Actel Corporation
MC-ACT-VME2416 ACTEL-MC-ACT-VME2416 Datasheet
148Kb / 7P
   FlexibleslaveVMEcontroller Fullinterruptcontroller(ROAK
MC-ACT-VME2416-VHD ACTEL-MC-ACT-VME2416-VHD Datasheet
148Kb / 7P
   FlexibleslaveVMEcontroller Fullinterruptcontroller(ROAK
More results

同様の説明 - MC-ACT-VME32-VHD

メーカー部品番号データシート部品情報
logo
Actel Corporation
MC-ACT-VME2416 ACTEL-MC-ACT-VME2416 Datasheet
148Kb / 7P
   FlexibleslaveVMEcontroller Fullinterruptcontroller(ROAK
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
   Slave Controller
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
logo
Fujitsu Component Limit...
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
   INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com