データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4002SG データシート(PDF) 2 Page - HY ELECTRONIC CORP.

部品番号 1N4002SG
部品情報  GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

1N4002SG データシート(HTML) 2 Page - HY ELECTRONIC CORP.

  1N4002SG Datasheet HTML 1Page - HY ELECTRONIC CORP. 1N4002SG Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
1N4001SG thru 1N4007SG
~ 41 ~
NUMBER OF CYCLES AT 60Hz
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
50
40
30
20
10
0
1
2
5
10
20
50
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 – TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH 300us
TJ = 25°C
10
0
0.1
1.0
0.01
0.2
0.6
0.4
4
0.8
1.2
1.6
1.4
1.8
1.0
TJ = 25°C
f = 1 MHz
4
100
10
60
40
20
4
2
1
40
10
100
1
REVERSE VOLTAGE ,VOLTS
FIG. 3 – TYPICAL JUNCTION CAPACITANCE
25
50
75
100
125
150
175
1.0
0.8
0.6
0.4
0.2
0
SINGLE PHASE HALF WAVE
60Hz RESISTIVE OR
INDUCTIVE LOAD
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE °C


同様の部品番号 - 1N4002SG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1N4002SG TSC-1N4002SG Datasheet
56Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
1N4002SG HY-1N4002SG Datasheet
762Kb / 3P
   Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N4002SG TSC-1N4002SG Datasheet
227Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Shanghai Shunye Electro...
1N4002SG SY-1N4002SG Datasheet
592Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4002SG TSC-1N4002SG Datasheet
488Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
More results

同様の説明 - 1N4002SG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com