データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCJ60 データシート(PDF) 3 Page - HY ELECTRONIC CORP.

部品番号 SMCJ60
部品情報  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMCJ60 データシート(HTML) 3 Page - HY ELECTRONIC CORP.

  SMCJ60 Datasheet HTML 1Page - HY ELECTRONIC CORP. SMCJ60 Datasheet HTML 2Page - HY ELECTRONIC CORP. SMCJ60 Datasheet HTML 3Page - HY ELECTRONIC CORP. SMCJ60 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Working Peak
Reverse Voltage
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
Maximum
Reverse Surge
Current
Maximum
Reverse
Leakage at
VRWM
(UNI)
(BI)
VRWM (volts)
Min(V)
Max(V)
@ IT(mA)
VRSM (volts)
IRSM (Amps)
IR (µA)
SMCJ5.0
SMCJ5.0C
GDD
BDD
5.0
6.40
7.55
10
9.6
156.3
1000
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.0
6.40
7.23
10
9.2
163.0
1000
SMCJ6.0
SMCJ6.0C
GDF
BDF
6.0
6.67
8.45
10
11.4
131.6
1000
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.0
6.67
7.67
10
10.3
145.6
1000
SMCJ6.5
SMCJ6.5C
GDH
BDH
6.5
7.22
9.14
10
12.3
122.0
500
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
8.30
10
11.2
133.9
500
SMCJ7.0
SMCJ7.0C
GDL
BDL
7.0
7.78
9.86
10
13.3
112.8
200
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.0
7.78
8.95
10
12.0
125.0
200
SMCJ7.5
SMCJ7.5C
GDN
BDN
7.5
8.33
10.80
1.0
14.3
104.9
100
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.58
1.0
12.9
116.3
100
SMCJ8.0
SMCJ8.0C
GDQ
BDQ
8.0
8.89
11.30
1.0
15.0
100.0
50
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
10.20
1.0
13.6
110.3
50
SMCJ8.5
SMCJ8.5C
GDS
BDS
8.5
9.44
11.90
1.0
15.9
95.3
20
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.80
1.0
14.4
104.2
20
SMCJ9.0
SMCJ9.0C
GDU
BDU
9.0
10.00
12.80
1.0
16.9
88.7
10
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.00
11.50
1.0
15.4
97.4
10
SMCJ10
SMCJ10C
GDW
BDW
10.0
11.10
14.10
1.0
18.8
79.8
5.0
SMCJ10A
SMCJ10CA
GDX
BDX
10.0
11.10
12.80
1.0
17.0
88.2
5.0
SMCJ11
SMCJ11C
GDY
BDY
11.0
12.20
15.40
1.0
20.1
74.6
5.0
SMCJ11A
SMCJ11CA
GDZ
BDZ
11.0
12.20
14.40
1.0
18.2
82.4
5.0
SMCJ12
SMCJ12C
GED
BED
12.0
13.30
16.90
1.0
22.0
68.2
5.0
SMCJ12A
SMCJ12CA
GEE
BEE
12.0
13.30
15.30
1.0
19.9
75.3
5.0
SMCJ13
SMCJ13C
GEF
BEF
13.0
14.40
18.20
1.0
23.8
63.0
5.0
SMCJ13A
SMCJ13CA
GEG
BEG
13.0
14.40
16.50
1.0
21.5
69.7
5.0
SMCJ14
SMCJ14C
GEH
BEH
14.0
15.60
19.80
1.0
25.8
58.1
5.0
SMCJ14A
SMCJ14CA
GEK
BEK
14.0
15.60
17.90
1.0
23.2
64.7
5.0
SMCJ15
SMCJ15C
GEL
BEL
15.0
16.70
21.10
1.0
26.9
55.8
5.0
SMCJ15A
SMCJ15CA
GEM
BEM
15.0
16.70
19.20
1.0
24.4
61.5
5.0
SMCJ16
SMCJ16C
GEN
BEN
16.0
17.80
22.60
1.0
28.8
52.1
5.0
SMCJ16A
SMCJ16CA
GEP
BEP
16.0
17.80
20.50
1.0
26.0
57.7
5.0
SMCJ17
SMCJ17C
GEQ
BEQ
17.0
18.90
23.90
1.0
30.5
49.2
5.0
SMCJ17A
SMCJ17CA
GER
BER
17.0
18.90
21.70
1.0
27.6
53.3
5.0
SMCJ18
SMCJ18C
GES
BES
18.0
20.00
25.30
1.0
32.2
46.6
5.0
SMCJ18A
SMCJ18CA
GET
BET
18.0
20.00
23.30
1.0
29.2
51.4
5.0
SMCJ20
SMCJ20C
GEU
BEU
20.0
22.20
28.10
1.0
35.8
41.9
5.0
SMCJ20A
SMCJ20CA
GEV
BEV
20.0
22.20
25.50
1.0
32.4
46.3
5.0
SMCJ22
SMCJ22C
GEW
BEW
22.0
24.40
30.90
1.0
39.4
38.1
5.0
SMCJ22A
SMCJ22CA
GEX
BEX
22.0
24.40
28.00
1.0
35.5
42.2
5.0
SMCJ24
SMCJ24C
GEY
BEY
24.0
26.70
33.80
1.0
43.0
34.9
5.0
SMCJ24A
SMCJ24CA
GEZ
BEZ
24.0
26.70
30.70
1.0
38.9
38.6
5.0
SMCJ26
SMCJ26C
GFD
BFD
26.0
28.90
36.80
1.0
46.6
32.2
5.0
SMCJ26A
SMCJ26CA
GFE
BFE
26.0
28.90
32.20
1.0
42.1
35.6
5.0
SMCJ28
SMCJ28C
GFF
BFF
28.0
31.10
39.40
1.0
50.0
30.0
5.0
SMCJ28A
SMCJ28CA
GFG
BFG
28.0
31.10
35.80
1.0
45.4
33.0
5.0
SMCJ30
SMCJ30C
GFH
BFH
30.0
33.30
42.40
1.0
53.5
28.0
5.0
SMCJ30A
SMCJ30CA
GFK
BFK
30.0
33.30
38.30
1.0
48.4
31.0
5.0
SMCJ33
SMCJ33C
GFL
BFL
33.0
36.70
46.90
1.0
59.0
25.4
5.0
SMCJ33A
SMCJ33CA
GFM
BFM
33.0
36.70
42.20
1.0
53.3
28.1
5.0
~ 290 ~
SMCJ SERIES
Breakdown
Voltage
VBR Volts
Device Marking
code
Device
Uni-
directional
Device
Bi-
directional


同様の部品番号 - SMCJ60

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMCJ60 ETC2-SMCJ60 Datasheet
332Kb / 4P
   Transient Voltage Suppressor
logo
Dc Components
SMCJ60 DCCOM-SMCJ60 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
SMCJ60 UNSEMI-SMCJ60 Datasheet
4Mb / 8P
   5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Yangzhou yangjie electr...
SMCJ60 YANGJIE-SMCJ60 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ60 TSC-SMCJ60 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
More results

同様の説明 - SMCJ60

メーカー部品番号データシート部品情報
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com