データシートサーチシステム |
|
SMAJ12CA データシート(PDF) 1 Page - HY ELECTRONIC CORP. |
|
SMAJ12CA データシート(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 4 page FEATURES ● Rating to 200V VBR ● For surface mounted applications ● Reliable low cost construction utilizing molded plastic technique ● Plastic material has UL recognition 94V-0 ● Typical IR less than 1µA above 10V ● Fast response time:typically less than 1.0ns for Uni-direction,less than 5.0ns fo Bi-direction,from 0 Volts to BV min MECHANICAL DATA ● Case : Molded Plastic ● Polarity:by cathode band denotes uni-directional device none cathode band denotes bi-directional device ● Weight : 0.002 ounces, 0.053 grams Dimensions in inches and(millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL UNIT Peak Power Dissipation at TA=25℃ TP=1ms (NOTE1,2) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Steady State Power Dissipation at TL=75℃ PM(AV) WATTS Maximum Instantaneous Forward Voltage at 35A for Unidirectional Devices Only (NOTE3) Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ 2. Thermal Resistance junction to Lead. NOTES:1. Non-repetitive current pulse ,per Fig. 3 and derated above TA=25℃ per Fig. 1. 1.0 3.5 Minimum 400 WATTS SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS REVERSE VOLTAGE - 5.0 to 170 Volts . POWER DISSIPATION - 400 Watts VALUE SMAJ SERIES ~ 280 ~ VOLTS PPK AMPS IFSM 40 3. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only). VF -55 to + 150 -55 to + 175 SMA .055(1.40) .062(1.60) .114(2.90) .098(2.50) .181(4.60) .157(4.00) .012(.305) .006(.152) .002(.051) .008(.203) .208(5.28) .188(4.80) .079(2.00) .103(2.62) .060(1.52) .030(0.76) |
同様の部品番号 - SMAJ12CA |
|
同様の説明 - SMAJ12CA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |