データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLHK5102 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 TLHK5102
部品情報  High Intensity LED, 5 mm Untinted Non-Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK5102 データシート(HTML) 3 Page - Vishay Siliconix

  TLHK5102 Datasheet HTML 1Page - Vishay Siliconix TLHK5102 Datasheet HTML 2Page - Vishay Siliconix TLHK5102 Datasheet HTML 3Page - Vishay Siliconix TLHK5102 Datasheet HTML 4Page - Vishay Siliconix TLHK5102 Datasheet HTML 5Page - Vishay Siliconix TLHK5102 Datasheet HTML 6Page - Vishay Siliconix TLHK5102 Datasheet HTML 7Page - Vishay Siliconix TLHK5102 Datasheet HTML 8Page - Vishay Siliconix TLHK5102 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLH.51..
Vishay Telefunken
3 (9)
Rev. A3, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83010
Green (TLHG51.. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 20 mA, IVmin/IVmax ≥ 0.5
TLHG5100
IV
240
mcd
y
F
Vmin Vmax
TLHG5101
IV
240
480
mcd
TLHG5102
IV
240
640
mcd
Dominant wavelength
IF = 10 mA
ld
562
575
nm
Peak wavelength
IF = 10 mA
lp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
±9
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Pure green (TLHP51.. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 20 mA, IVmin/IVmax ≥ 0.5
TLHP5100
IV
66
mcd
y
F
Vmin Vmax
TLHP5101
IV
66
132
mcd
TLHP5102
IV
66
200
mcd
Dominant wavelength
IF = 10 mA
ld
555
565
nm
Peak wavelength
IF = 10 mA
lp
555
nm
Angle of half intensity
IF = 10 mA
ϕ
±9
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
95 10918
Figure 1 Power Dissipation vs. Ambient Temperature
0
10
20
30
40
60
0
20
406080
Tamb – Ambient Temperature ( °C )
100
95 10046
50
Figure 2 Forward Current vs. Ambient Temperature


同様の部品番号 - TLHK5102

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHK510 VISHAY-TLHK510 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHK510 VISHAY-TLHK510 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHK5100 VISHAY-TLHK5100 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results

同様の説明 - TLHK5102

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHF5800 VISHAY-TLHF5800_V01 Datasheet
114Kb / 5P
   High Intensity LED, ??5 mm Untinted Non-Diffused
18-Jul-08
TLHK5800 VISHAY-TLHK5800_V02 Datasheet
109Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK510 VISHAY-TLHK510_V01 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCR5200 VISHAY-TLCR5200 Datasheet
167Kb / 8P
   High Intensity LED, diameter 5 mm 30degree Untinted Non-Diffused
Rev. 5, 08-Apr-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com