データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLHR54 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 TLHR54
部品情報  High Efficiency LED in 5 mm Tinted Diffused Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR54 データシート(HTML) 1 Page - Vishay Siliconix

  TLHR54 Datasheet HTML 1Page - Vishay Siliconix TLHR54 Datasheet HTML 2Page - Vishay Siliconix TLHR54 Datasheet HTML 3Page - Vishay Siliconix TLHR54 Datasheet HTML 4Page - Vishay Siliconix TLHR54 Datasheet HTML 5Page - Vishay Siliconix TLHR54 Datasheet HTML 6Page - Vishay Siliconix TLHR54 Datasheet HTML 7Page - Vishay Siliconix TLHR54 Datasheet HTML 8Page - Vishay Siliconix TLHR54 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLH.54../64..
Vishay Telefunken
1 (9)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83012
High Efficiency LED in ø 5 mm Tinted Diffused Package
Color
Type
Technology
Angle of Half Intensity
±ö
High efficiency red
TLHR54../TLHR64..
GaAsP on GaP
30
°
Yellow
TLHY54../TLHY64..
GaAsP on GaP
30
°
Green
TLHG54../TLHG64..
GaP on GaP
30
°
Description
The TLH.54.. and 64.. series was developed for
standard applications like general indicating and
lighting purposes.
It is housed in a 5 mm tinted diffused plastic package.
The wide viewing angle of these devices provides a
high on-off contrast.
Several selection types with different luminous
intensities are offered. All LEDs are categorized in
luminous intensity groups. The green and yellow LEDs
are categorized additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
Features
D Choice of three bright colors
D Standard T-1¾ package
D Small mechanical tolerances
D Suitable for DC and high peak current
D Wide viewing angle
D Luminous intensity categorized
D Yellow and green color categorized
D TLH.54.. with stand-offs
D TLH.64.. without stand-offs
96 11663
TLH.62..
TLH.52..
Applications
Status lights
OFF / ON indicator
Background illumination
Readout lights
Maintenance lights
Legend light


同様の部品番号 - TLHR54

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
TLHR540 VISHAY-TLHR540 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHR540. VISHAY-TLHR540. Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHR5400 VISHAY-TLHR5400 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR5400 VISHAY-TLHR5400 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
More results

同様の説明 - TLHR54

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHG640 VISHAY-TLHG640 Datasheet
251Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.5, 31-Aug-04
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
TLHG540 VISHAY-TLHG540_V01 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHR52 VISHAY-TLHR52 Datasheet
130Kb / 9P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. A1, 04-Feb-99
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHB540 VISHAY-TLHB540 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHY6201 VISHAY-TLHY6201 Datasheet
184Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.9, 25-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com