データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLHR5401 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 TLHR5401
部品情報  High Efficiency LED in 5 mm Tinted Diffused Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR5401 データシート(HTML) 4 Page - Vishay Siliconix

  TLHR5401 Datasheet HTML 1Page - Vishay Siliconix TLHR5401 Datasheet HTML 2Page - Vishay Siliconix TLHR5401 Datasheet HTML 3Page - Vishay Siliconix TLHR5401 Datasheet HTML 4Page - Vishay Siliconix TLHR5401 Datasheet HTML 5Page - Vishay Siliconix TLHR5401 Datasheet HTML 6Page - Vishay Siliconix TLHR5401 Datasheet HTML 7Page - Vishay Siliconix TLHR5401 Datasheet HTML 8Page - Vishay Siliconix TLHR5401 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLH.54../64..
Vishay Telefunken
4 (9)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83012
0
2
468
0.1
1
10
100
1000
10
95 10026
VF – Forward Voltage ( V )
High Efficiency Red
tp/T=0.001
tp=10ms
Figure 5 Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10027
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
High Efficiency Red
IF=10mA
Figure 6 Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10321
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
High Efficiency Red
Figure 7 Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10029
High Efficiency Red
Figure 8 Relative Luminous Intensity vs.
Forward Current
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
l – Wavelength ( nm )
1.0
High Efficiency Red
Figure 9 Relative Luminous Intensity vs. Wavelength
0
2
468
0.1
1
10
100
1000
10
95 10030
VF – Forward Voltage ( V )
Yellow
tp/T=0.001
tp=10ms
Figure 10 Forward Current vs.
Forward Voltage


同様の部品番号 - TLHR5401

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHR5401 VISHAY-TLHR5401 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR5401 VISHAY-TLHR5401 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
TLHR5401 VISHAY-TLHR5401 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHR5401 VISHAY-TLHR5401 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

同様の説明 - TLHR5401

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHG640 VISHAY-TLHG640 Datasheet
251Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.5, 31-Aug-04
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
TLHG540 VISHAY-TLHG540_V01 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHR52 VISHAY-TLHR52 Datasheet
130Kb / 9P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. A1, 04-Feb-99
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHB540 VISHAY-TLHB540 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHY6201 VISHAY-TLHY6201 Datasheet
184Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.9, 25-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com