データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1PS79SB70 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 1PS79SB70
部品情報  SCHOTTKY BARRIER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1PS79SB70 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1PS79SB70 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOD-523
Unit: mm
0.77max
0.6+0.1
-0.1
1.2+0.1
-0.1
1.6+0.1
-0.1
+-
SCHOTTKY BARRIER DIODE
1PS79SB70
Features
Low forward voltage
High breakdown voltage
Guard ring protected
Ultra small plastic SMD package.
Low capacitance.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
continuous reverse voltage
VR
70
V
continuous forward current
IF
70
mA
repetitive peak forward current
IFSM
tp
1s;ä
0.5
70
mA
non-repetitive peak forwrad current
IFSM
tp < 10 ms
100
mA
storage temperature
Tstg
-65
+150
junction temperature
Tj
150
operating ambient temperature
Tamb
-65
+150
E lectrical C haracteristics T a = 25
P aram eter
S ym bol
C onditions
M ax
U nit
IF = 1 mA
410
mV
IF = 10 m A
750
m V
IF =15 m A
1
V
IR
V R = 50 V , note 1
100
nA
V R = 70 V , note 1
10
A
diods capacitance
C d
V R = 0 V ,f= 1 M H z
2
pF
Note
1. P ulse test: tp = 300
s, ä = 0.02.
V F
continuous forw ard voltage
capacitance reverse current
Marking
Marking
G


同様の部品番号 - 1PS79SB70

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1PS79SB70 PHILIPS-1PS79SB70 Datasheet
59Kb / 8P
   Schottky barrier diode
1998 Jul 16
1PS79SB70 PHILIPS-1PS79SB70 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS79SB70 NXP-1PS79SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
1PS79SB70 NXP-1PS79SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
1PS79SB70 NEXPERIA-1PS79SB70 Datasheet
186Kb / 8P
   General-purpose Schottky diode
19 January 2023
More results

同様の説明 - 1PS79SB70

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com