データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC54VC3202EMBSTP データシート(PDF) 2 Page - TelCom Semiconductor, Inc

部品番号 TC54VC3202EMBSTP
部品情報  VOLTAGE DETECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC54VC3202EMBSTP データシート(HTML) 2 Page - TelCom Semiconductor, Inc

  TC54VC3202EMBSTP Datasheet HTML 1Page - TelCom Semiconductor, Inc TC54VC3202EMBSTP Datasheet HTML 2Page - TelCom Semiconductor, Inc TC54VC3202EMBSTP Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-280
TELCOM SEMICONDUCTOR, INC.
TC54
VOLTAGE DETECTOR
ELECTRICAL CHARACTERISTICS: TA = 25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Operating Voltage
V
DET = 2.1 to 6.0V
1.5
10.0
V
ISS
Quiescent Current
VIN =
2.1V
1.0
3.0
3.0V
1.3
3.4
µA
4.0V
1.6
3.8
5.0V
2.0
4.2
V
DET
Threshold Voltage
(V
DET)(V
DET)V
x 0.98
x 1.02
VHYST
Hysteresis Range
(V
DET)(V
DET)(V
DET)V
x 0.02
x 0.05
x 0.08
IOUT
Output Current
Nch VDS = 0.5
VIN = 2.1V
7.7
mA
3.0V
10.1
4.0V
11.5
5.0V
13.0
Pch VDS = 2.1V
VIN = 8.0V
– 10.0
TC (V
DET)
Tempco of (V
DET)
– 40
°C ≤ TA ≤ 85°C
± 100
ppm/
°C
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VIN) ..................................................................... 12V
Output Voltage: CMOS ............ (VSS – 0.3) to (VIN + 0.3)
Open Drain ................. (VSS – 0.3) to 12V
Output Current .........................................................50mA
Power Dissipation: (TA ≤ 70°C)
SOT-23A-3 ..................................................... 240mW
SOT-89-3 ....................................................... 400mW
TO-92
....................................................... 440mW
Operating Temperature .......................... – 40
°C to + 85°C
Storage Temperature ........................... – 65
°C to + 150°C
Soldering Temperature ...................... 300
°C, 10 seconds
* Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
Pin No.
Symbol
Description
1VIN
Analog input. This pin is both the power supply input and the voltage to be monitored.
2VOUT
Digital output. This output goes low when VIN drops below V
DET and returns
high when VIN rises above V
DET + VHYST. (See timing chart).
3VSS
Ground terminal.
PIN DESCRIPTION


同様の部品番号 - TC54VC3202EMBSTP

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC54VC3002ECB MICROCHIP-TC54VC3002ECB Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC3002ECB713 MICROCHIP-TC54VC3002ECB713 Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC3002ECB713 MICROCHIP-TC54VC3002ECB713 Datasheet
172Kb / 16P
   Voltage Detector
10/05/07
TC54VC3002EMB MICROCHIP-TC54VC3002EMB Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC3002EMB713 MICROCHIP-TC54VC3002EMB713 Datasheet
229Kb / 16P
   Voltage Detector
2007
More results

同様の説明 - TC54VC3202EMBSTP

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com