データシートサーチシステム |
|
SDT310C500 データシート(PDF) 3 Page - KOA Speer Electronics, Inc. |
|
SDT310C500 データシート(HTML) 3 Page - KOA Speer Electronics, Inc. |
3 / 3 page 166 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 11/21/08 SDT310 small type platinum thin film thermal sensors Pt100 Resistance - Temperature Characteristic (JIS C1604-1997) 100 at 0°C Temperature (°C) 450 264.18 264.52 264.86 265.20 265.53 265.87 266.21 266.55 266.89 267.22 460 267.56 267.90 268.24 268.57 268.91 269.25 269.59 269.92 270.26 270.60 470 270.93 271.27 271.61 271.94 272.28 272.61 272.95 273.29 273.62 273.96 480 274.29 274.63 274.96 275.30 275.63 275.97 276.30 276.64 276.97 277.31 490 277.64 277.98 278.31 278.64 278.98 279.31 279.64 279.98 280.31 280.64 500 280.98 281.31 281.64 281.98 282.31 282.64 282.97 283.31 283.64 283.97 510 284.30 284.63 284.97 285.30 285.63 285.96 286.29 286.62 286.95 287.29 520 287.62 287.95 288.28 288.61 288.94 289.27 289.60 289.93 290.26 290.59 530 290.92 291.25 291.58 291.91 292.24 292.56 292.89 293.22 293.55 293.88 540 294.21 294.54 294.86 295.19 295.52 295.85 296.18 296.50 296.83 297.16 550 297.49 297.81 298.14 298.47 298.80 299.12 299.45 299.78 300.10 300.43 560 300.75 301.08 301.41 301.73 302.06 302.38 302.71 303.03 303.36 303.69 570 304.01 304.34 304.66 304.98 305.31 305.63 305.96 306.28 306.61 306.93 580 307.25 307.58 307.90 308.23 308.55 308.87 309.20 309.52 309.84 310.16 590 310.49 310.81 311.13 311.45 311.78 312.10 312.42 312.74 313.06 313.39 600 313.71 314.03 314.35 314.67 314.99 315.31 315.64 315.96 316.28 316.60 610 316.92 317.24 317.56 317.88 318.20 318.52 318.84 319.16 319.48 319.80 620 320.12 320.43 320.75 321.07 321.39 321.71 322.03 322.35 322.67 322.98 630 323.30 323.62 323.94 324.26 324.57 324.89 325.21 325.53 325.84 326.16 640 326.48 326.79 327.11 327.43 327.74 328.06 328.38 328.69 329.01 329.32 650 329.64 329.96 330.27 330.59 330.90 331.22 331.53 331.85 332.16 332.48 01 2 34 56 7 89 Note: Desired temperature values are obtained by adding temperatures in the vertical and horizontal axes. When calculating a resistance value of 105°C, read the value in the column where 100°C in the vertical axis and 5°C in the horizontal axis cross. The value will be 140.40 Ω. The value for 500Ω at 0°C will be the value obtained by multiplying the resistance value in this table by 5. Similarly, the value for 1K Ω at 0°C will be the value obtained by multiplying the resistance value by 10. environmental applications (continued) Performance Characteristics Resistance 0°C Within specified tolerance T.C.R. 0°C/ +100°C Within specified T.C.R. Insulation Resistance d.c. 100V 100M Ω or more Dielectric Withstanding Voltage a.c. 100V, 60 seconds - 70 seconds ±0.12% ±0.5% Resistance to Solder Heat 350°C for 3.5 seconds Moisture Resistance 60°C ± 2°C, 90 - 95% RH, 1000 hours, 1mA, 1.5 hr ON, 0.5 hr OFF cycle ±0.5% Normal Temperature Load Life 20°C ± 10°C, 1000 hours, 1mA continuous turning on electricity ±0.5% Rapid Change of Temperature -55°C (30 minutes)/ +25°C (2 - 3 minutes)/ +155°C (30 minutes)/ +25°C (2 - 3 minutes), 10 cycles (SDT310LTC, SDT310HLTC); -55°C (30 minutes)/ +25°C (2 - 3 minutes)/ +400°C (30 minutes)/ +25°C (2 - 3 minutes), 10 cycles (SDT310P, SDT310A); +25°C (30 minutes)/ +650°C (30 minutes) 10 cycles (SDT310MTM) ±0.12% High Temperature Load Life 155°C ± 2°C (SDT310LTC, SDT310HLTC), 400°C ± 8°C (SDT310P, SDT310AP), 1000 hours, 650°C ± 13°C (SDT310MTM), 250 hours, 1mA continuous turning on electricity ±0.5% High Temperature Exposure +155°C (SDT310LTC, SDT310HLTC), +400°C (SDT310P, SDT310AP), +650°C (SDT310MTM), 250 hours ±0.12%, ±0.5% (SDT310MTM) Low Temperature Exposure -55°C, 250 hours ±0.12% –– –– –– ±0.010% ±0.014% -0.004% -0.017% -0.026% -0.022% -0.027%, -0.060% (SDT310MTM) -0.036% Parameter Requirement ∆ R Limit Typical Test Method 1733 Reader's Spreads pg1-203:document 1/27/09 4:12 PM Page 164 |
同様の部品番号 - SDT310C500 |
|
同様の説明 - SDT310C500 |