データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA6574D データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LA6574D
部品情報  Five-Channel Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6574D データシート(HTML) 4 Page - Sanyo Semicon Device

  LA6574D Datasheet HTML 1Page - Sanyo Semicon Device LA6574D Datasheet HTML 2Page - Sanyo Semicon Device LA6574D Datasheet HTML 3Page - Sanyo Semicon Device LA6574D Datasheet HTML 4Page - Sanyo Semicon Device LA6574D Datasheet HTML 5Page - Sanyo Semicon Device LA6574D Datasheet HTML 6Page - Sanyo Semicon Device LA6574D Datasheet HTML 7Page - Sanyo Semicon Device LA6574D Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA6574D
No. A0827-4/8
Pin Description
Pin No.
Symbol
Pin Name
Description
Equivalent Circuit
5
6
11
12
13
14
15
16
VIN4
VIN4G
VIN3G
VIN3
VIN2G
VIN2
VIN1G
VIN1
Input
Input pin for each channel
19
20
21
22
24
25
26
27
VO1-
VO1+
VO2-
VO2+
VO3-
VO3+
VO4-
VO4+
Output
Each output
28
29
4
VO5+
VO5-
VCONT
VO5
H bridge output
2
1
FWD
REV
FWD
REV
H bridge input
VING
Vref
VIN
VCC-S
OUT
VCC1
VO5-
VO5+
VCONT
FWD
VCC2


同様の部品番号 - LA6574D

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6574H SANYO-LA6574H Datasheet
536Kb / 7P
   Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
More results

同様の説明 - LA6574D

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
   Five-Channel Driver
LA6565 SANYO-LA6565 Datasheet
103Kb / 8P
   Five-Channel CD Actuator Driver
logo
Inventronics Inc.
EUC-200PXXXDV INVENTRONICS-EUC-200PXXXDV Datasheet
959Kb / 10P
   200W Five-channel Constant Current IP67 Driver
Rev. L
EUC-180PXXXDT INVENTRONICS-EUC-180PXXXDT Datasheet
865Kb / 9P
   180W Five-channel Constant Current IP67 Driver
Rev. C
EUC-200PXXXDT INVENTRONICS-EUC-200PXXXDT Datasheet
973Kb / 10P
   200W Five-channel Constant Current IP67 Driver
Rev.L
logo
Sanyo Semicon Device
LA6557H SANYO-LA6557H Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
logo
Holtek Semiconductor In...
HT-2050 HOLTEK-HT-2050 Datasheet
231Kb / 5P
   FIVE LAMP/LED FLASH DRIVER
logo
AMtek SEMICONDUCTORS CO...
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
   Five Channels BTL Power Driver
Feb, 2014 V1.0P
logo
Supertex, Inc
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
   Two Channel, Five Level, High Speed Ultrasound Driver IC
logo
AMtek SEMICONDUCTORS CO...
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
   Five Channels BTL Power Driver
Dec, 2012 V1.6
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com