データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA6611 データシート(PDF) 9 Page - SamHop Microelectronics Corp.

部品番号 STA6611
部品情報  Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STA6611 データシート(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button STA6611 Datasheet HTML 2Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 3Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 4Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 5Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 6Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 7Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 8Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 9Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 10Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
6
Qg, T otal G ate C harge (nC )
F igure 11.s witching characteris tics
R g, G ate R es is tance (
)
9
8
10
6
4
2
0
V DS =-15 V
ID=-6A
100
10
1
1
6 10
60 100
60
600
300
250
V D S = -15V,I D=-1A
V G S =
V
T D(off)
T f
T r
-10
2
4
6
8
10
12
14
16
0
S T A6611
T D(on)
F igure 8. C apacitance
VDS, Drain-to Source Voltage (V)
1200
1000
800
600
400
200
0
0
5
10
15
20
25
30
Ciss
Coss
Crss
F igure 10. Maximum S afe
O perating Area
-V DS , B ody Diode F orward V oltage (V )
50
10
1 1
0.1
0.03
0.1
1
10
50
R
DS
(O
N)
Lim
it
10m
s
100
ms
1s
DC
V GS =-10V
S ingle P uls e
T A=25 C
F igure 9. G ate C harge
30
0.01
0.1
1
9
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
Single Pulse
P DM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05


同様の部品番号 - STA6611

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STA6610 SAMHOP-STA6610 Datasheet
118Kb / 6P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

同様の説明 - STA6611

メーカー部品番号データシート部品情報
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com