データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM15T150CA データシート(PDF) 3 Page - MDE Semiconductor, Inc.

部品番号 SM15T150CA
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MDE [MDE Semiconductor, Inc.]
ホームページ  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SM15T150CA データシート(HTML) 3 Page - MDE Semiconductor, Inc.

  SM15T150CA Datasheet HTML 1Page - MDE Semiconductor, Inc. SM15T150CA Datasheet HTML 2Page - MDE Semiconductor, Inc. SM15T150CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1500 Watt TVS
UNI-
POLAR
BI-
POLAR
SM15T 6V8A 6V8CA
MDE
BDE
5.80
6.45
7.14
10
10.5
143.0
1000
SM15T 7V5A 7V5CA
MDG
BDG
6.40
7.13
7.88
10
11.3
133.0
500
SM15T 10A
10CA
MDP
BDP
8.55
9.50
10.50
1
14.5
103.0
10
SM15T 12A
12CA
MDT
BDT
10.20
11.40
12.60
1
16.7
89.8
5
SM15T 15A
15CA
MDX
BDX
12.80
14.30
15.80
1
21.2
70.8
5
SM15T 18A
18CA
MEE
BEE
15.30
17.10
18.90
1
25.2
59.5
5
SM15T 22A
22CA
MEK
BEK
18.80
20.90
23.10
1
30.6
49.0
5
SM15T 24A
24CA
MEM
BEM
20.50
22.80
25.20
1
33.2
45.2
5
SM15T 27A
27CA
MEP
BEP
23.10
25.70
28.40
1
37.5
40.0
5
SM15T 30A
30CA
MER
BER
25.60
28.50
31.50
1
41.4
36.2
5
SM15T 33A
33CA
MET
BET
28.20
31.40
34.70
1
45.7
32.8
5
SM15T 36A
36CA
MEV
BEV
30.80
34.20
37.80
1
49.9
30.1
5
SM15T 39A
39CA
MEX
BEX
33.30
37.10
41.00
1
53.9
27.8
5
SM15T 68A
68CA
MFP
BFP
58.10
64.60
71.40
1
92.0
16.3
5
SM15T 100A 100CA
MFX
BFX
85.50
95.00
105.00
1
137.0
11.0
5
SM15T 150A 150CA
MGK
BGK
128.00
143.00
158.00
1
207.0
7.2
5
SM15T 200A 200CA
MGV
BGV
171.00
190.00
210.00
1
274.0
5.5
5
SM15T 220A 220CA
MGX
BGX
188.00
208.00
231.00
1
328.0
4.6
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
Certified RoHS Compliant
UL File # E223026
SM15T
PART NUMBER
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MARKING CODE
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(mA)
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT


同様の部品番号 - SM15T150CA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM15T150CA STMICROELECTRONICS-SM15T150CA Datasheet
189Kb / 5P
   TRANSILTM
SM15T150CA STMICROELECTRONICS-SM15T150CA Datasheet
125Kb / 9P
   TransilTM
SM15T150CA STMICROELECTRONICS-SM15T150CA Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
More results

同様の説明 - SM15T150CA

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com