データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD419S データシート(PDF) 5 Page - SamHop Microelectronics Corp.

部品番号 STD419S
部品情報  P-Channel Logic Level EnhancementMode Field E ffect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD419S データシート(HTML) 5 Page - SamHop Microelectronics Corp.

  STD419S Datasheet HTML 1Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 2Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 3Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 4Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 5Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 6Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 7Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S T U/D419S
6
5
S quare W ave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
D=0.5
0.2
0.1
0.05
0.02
0.01
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
12.5 25 37.5 50 62.5 75
87.5 100
V DS =-15V
ID=-14A
F igure 9. C apacitance
-V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
4800
4000
3200
2400
1600
800
0
C is s
C os s
C rs s
F igure 11.s witching characteris tics
R g, G ate R es is tance (
)
F igure 12. Maximum S afe
O perating Area
-V DS , Drain-S ource V oltage (V )
10
1
0.1
0.03
0.1
1
10
30 50
V GS =-10V
S ingle P uls e
T A=25 C
10
m
s
100
ms
1s
DC
1000
100
1
10
6 10
60 100
600
600
300
6000
T D(off)
T r
T f
T D(on)
R D
S (O
N)
Lim
it
3
VDS=-15V,ID=-14A
VGS=-10V
140


同様の部品番号 - STD419S

メーカー部品番号データシート部品情報
logo
Visual Communications C...
STD410BLK VCC-STD410BLK Datasheet
67Kb / 1P
   STD
logo
SamHop Microelectronics...
STD410S SAMHOP-STD410S Datasheet
365Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STD412S SAMHOP-STD412S Datasheet
249Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STD413S SAMHOP-STD413S Datasheet
251Kb / 8P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

同様の説明 - STD419S

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
ST419S SAMHOP-ST419S Datasheet
379Kb / 8P
   P-Channel Logic Level EnhancementMode Field E ffect Transistor
SDP60N03L SAMHOP-SDP60N03L Datasheet
519Kb / 6P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
SDPB55N03L ETC1-SDPB55N03L Datasheet
319Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDB65N03 SAMHOP-SDB65N03 Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
SDP55N03L SAMHOP-SDP55N03L Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
55N03L ETC1-55N03L Datasheet
415Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
STU421S SAMHOP-STU421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU310DH SAMHOP-STU310DH Datasheet
296Kb / 11P
   Dual E nhancementMode Field E ffect Transistor ( N and P Channel)
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com