データシートサーチシステム |
|
AZF-60S051 データシート(PDF) 4 Page - Minmax Technology Co., Ltd. |
|
AZF-60S051 データシート(HTML) 4 Page - Minmax Technology Co., Ltd. |
4 / 5 page UL94V-0 : Flammability 345 : Weight Plastic resin + Fiberglass : Case Material 3.50*2.66*1.34 inches 89.0*67.5*34.0 mm : Case Size Physical Characteristics No Pin 7 -Vout 6 +Vout 4 No Pin 3 AC(L) - AC Line 2 AC(N) - AC Neutral 1 15.24 [0.60] 55.88 [2.20] 67.5 [2.66] 34.0 [1.34] 0.5 [0.02] 6.0 [0.24] 28.2 [1.11] Bottom Side 1 Mounting M3.5 Thread 2 3 4 6 7 15.24 [0.60] 25.40 [1.00] Function Pin PCB mounting Pin Connections Mechanical Dimensions {0.004 {0.1 Pin X.XXX{0.01 X.XX{0.25 X.XX{0.02 X.X{0.5 Inches Millimeters Tolerance UL94V-0 : Flammability 357 : Weight Plastic resin + Fiberglass : Case Material 4.41*2.67*1.50 inches 112.0*67.8*38.0 mm : Case Size Physical Characteristics NC: No Connection NC 7 -Vout 6 NC 5 +Vout 4 NC 3 AC(L) - AC Line 2 AC(N) - AC Neutral 1 Function Pin 92.0 [3.62] 10.0 [0.39] 100.0 [3.94] 112.0 [4.41] 1 2 3 4 5 6 7 Top view 4 x O3.5 Pin Connections Chassis mounting AZF-60 Series 4 MINMAX REV:5 2009/02/11 |
同様の部品番号 - AZF-60S051 |
|
同様の説明 - AZF-60S051 |