データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL2C-5-50 データシート(PDF) 1 Page - Rhombus Industries Inc.

部品番号 SL2C-5-50
部品情報  5.0ns Delay 50 Ohm Impedance Single-in-Line Delay Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RHOMBUS-IND [Rhombus Industries Inc.]
ホームページ  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SL2C-5-50 データシート(HTML) 1 Page - Rhombus Industries Inc.

  SL2C-5-50 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
SL2C-5-50
02/15/2000
1 OF 1
5.0ns Delay 50 Ohm Impedance
Single-in-Line Delay Module
OPERATING SPECIFICATIONS
Pulse Overshoot (Pos) .............................................. 5% to 10%, typical
Pulse Distortion (S) ................................................................ 3% typical
Attenuation ................................................................ 0.25 dB maximum
Working Voltage ....................................................... 25 VDC maximum
Dielectric Strength .................................................... 100VDC minimum
Insulation Resistance ......................... 1,000 Megohms min. @ 100VDC
Temperature Coefficient ........................................... 70 ppm/OC, typical
Band Width (f
C) ................................................................. .35/tr approx.
Operating Temperature Range ...................................... -55O to +125OC
Storage Temperature Range ...................................... -65O to +150OC
ELECTRICAL SPECIFICATIONS @ 25OC
Measured @ 50% Level on the Leading Edge
Total Delay ................................................................. 5.0 ns
± 0.25 ns
Rise Time (20%-80%) ........................................................ 1.8 ns max.
Characteristic Impedance ...................................... 50.0 Ohms
+ 10%
D.C. Resistance ......................................................... 0.8 Ohms max.
Attenuation ...................................................................... 0.5 dB max.
TEST CONDITIONS
(Measurements made at 25OC)
Input Rise Time .................................................................... 2.0 ns max.
Input Pulse Period ..................................................................... 1000 ns
Input Pulse Width .................................................................... 2000 ns
ENVIRONMENTAL
All units are designed to meet the applicable portions of MIL-D-23859,
MIL-D-83531 and are capable of meeting the environmental require-
ments of MIL-STD-202 for moisture resistance, vibration shock,
humidity and life.
SCHEMATIC DIAGRAM
1
COM
3
OUT
2
IN
PHYSICAL DIMENSIONS
inches (mm)
.560
(14.22)
MAX.
.275
(6.99)
MAX.
.120
(3.05)
MIN.
.200
(5.08)
MAX.
.100
(2.54)
DIA.
.020
(0.51)
TYP.
.300
(7.62)
.045
(1.14)
TYP.
DIA. 3EA.
.020 (0.51)


同様の部品番号 - SL2C-5-50

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
SL2 COOPER-SL2 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
NXP Semiconductors
SL2-ICS20 NXP-SL2-ICS20 Datasheet
86Kb / 25P
   Smart Label IC SL2 ICS20 Functional Specification
Revision 3.1
logo
Zarlink Semiconductor I...
SL2009 ZARLINK-SL2009 Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
SL2009KG ZARLINK-SL2009KG Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
SL2009NP1S ZARLINK-SL2009NP1S Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
More results

同様の説明 - SL2C-5-50

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1507-100G ETC1-1507-100G Datasheet
139Kb / 1P
   Single-In-Line Delay Lines
logo
Faraday Technology
SCD075A32 FARADAY-SCD075A32 Datasheet
48Kb / 2P
   SELECTABLE WIDEBAND DELAY LINE MODULE
logo
Merrimac Industries, In...
DLL-095R-2.14G MERRIMAC-DLL-095R-2.14G Datasheet
102Kb / 1P
   DELAY LINE
DLL-115R-1.96G MERRIMAC-DLL-115R-1.96G Datasheet
108Kb / 1P
   DELAY LINE
DLL-048R-2.14G MERRIMAC-DLL-048R-2.14G Datasheet
107Kb / 2P
   DELAY LINE
logo
Anaren Microwave
XDL15-2-020S ANAREN-XDL15-2-020S Datasheet
166Kb / 5P
   Delay Line
logo
Merrimac Industries, In...
DLL-100R-2.14G MERRIMAC-DLL-100R-2.14G Datasheet
136Kb / 2P
   DELAY LINE
DLL-057R-0.94G MERRIMAC-DLL-057R-0.94G Datasheet
124Kb / 2P
   DELAY LINE
DLL-113R-0.88G MERRIMAC-DLL-113R-0.88G Datasheet
115Kb / 1P
   DELAY LINE
logo
Renesas Technology Corp
6T80002 RENESAS-6T80002 Datasheet
397Kb / 9P
   Single Channel CMOS Delay Line
February 7, 2023
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com