データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIP16-161 データシート(PDF) 1 Page - Rhombus Industries Inc.

部品番号 SIP16-161
部品情報  19-Pin SIP 16-Tap High Performance Passive Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RHOMBUS-IND [Rhombus Industries Inc.]
ホームページ  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SIP16-161 データシート(HTML) 1 Page - Rhombus Industries Inc.

  SIP16-161 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
SIP16 1/98
Rhombus
Industries Inc.
8
10
9
11
12
13
14
1
34
2
56
7
18
17
16
15
19
COM
IN
Tap
1
COM
Tap
2
Tap
3
Tap
4
Tap
5
Tap
6
Tap
7
Tap
8
Tap
9
Tap
10
Tap
11
Tap
12
Tap
13
Tap
14
Tap
15
Tap
16
SIP16 Style 16-Tap Schematic
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
Electrical Specifications 1, 2, 3 at 25OC
Total
(ns)
Tap-to-Tap
(ns)
50 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
200 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
8 ± 0.5
0.5 ± 0.2
SIP16-85
2.1
0.8
SIP16-87
2.2
0.8
SIP16-81
2.2
1.0
SIP16-82
2.9
1.2
12 ± 1.0
0.75 ± 0.3 SIP16-125
2.5
1.0
SIP16-127
2.5
1.1
SIP16-121
2.7
1.1
SIP16-122
3.4
1.4
16 ± 1.0
1.0 ± 0.4
SIP16-165
3.7
1.0
SIP16-167
3.7
1.1
SIP16-161
3.8
1.2
SIP16-162
5.3
1.9
20 ± 1.0
1.25 ± 0.5 SIP16-205
3.9
1.2
SIP16-207
3.9
1.3
SIP16-201
3.9
1.4
SIP16-202
7.8
2.3
24 ± 1.2
1.5 ± 0.5
SIP16-245
4.4
1.3
SIP16-247
4.4
1.5
SIP16-241
4.4
1.6
SIP16-242
8.6
2.7
32 ± 1.6
2.0 ± 0.5
SIP16-325
4.9
1.4
SIP16-327
4.9
1.6
SIP16-321
4.9
1.8
SIP16-322
9.8
3.3
40 ± 2.0
2.5 ± 0.5
SIP16-405
5.8
1.5
SIP16-407
5.9
1.9
SIP16-401
5.9
2.1
SIP16-402
11.0
3.9
48 ± 2.0
3.0 ± 0.5
SIP16-485
7.1
1.6
SIP16-487
7.1
2.1
SIP16-481
7.1
2.7
SIP16-482
11.5
4.5
56 ± 2.8
3.5 ± 1.0
SIP16-565
8.2
1.7
SIP16-567
8.2
2.3
SIP16-561
8.2
2.9
SIP16-562
12.2
4.7
64 ± 3.2
4.0 ± 1.0
SIP16-645
9.4
1.8
SIP16-647
9.4
2.5
SIP16-641
9.4
3.0
SIP16-642
14.6
5.1
80 ± 4.0
5.0 ± 1.0
SIP16-805
11.6
2.8
SIP16-807
11.8
2.8
SIP16-801
11.8
3.2
SIP16-802
17.3
5.4
128 ± 6.4
8.0 ± 2.0 SIP16-1285 18.2
3.0
SIP16-1287
18.5
3.0
SIP16-1281
18.5
3.4
SIP16-1282
23.2
5.8
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
16 or 20 Equal Delay Taps
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
OPERATING SPECIFICATIONS - Passive Delays
Pulse Overshoot (Pos) ................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage .............................................. 25 VDC maximum
Dielectric Strength ........................................... 100VDC minimum
Insulation Resistance .............. 1,000 Megohms min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Band Width (f
C) ....................................................... .35/tr approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
19-Pin SIP 16-Tap High Performance Passive Delay Modules
2.00
(50.8)
MAX.
.315
(8.00)
MAX.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.100
(2.54)
MIN.
.012
(0.30)
TYP.
.260
(6.60)
MAX.
.200
(5.08)
TYP.
.010
(0.25)
TYP.
Dimensions in Inches (mm)
14


同様の部品番号 - SIP16-161

メーカー部品番号データシート部品情報
logo
CINCON ELECTRONICS Corp...
SIP16-12S05A CINCON-SIP16-12S05A Datasheet
263Kb / 2P
   16 AMP POL CONVERTERS
More results

同様の説明 - SIP16-161

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
   4 PIN SIP PASSIVE DELAY MODULES
0401-1403-02 BEL-0401-1403-02 Datasheet
57Kb / 1P
   HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SP24A RHOMBUS-IND-SP24A Datasheet
45Kb / 1P
   SP24A Series 20-Tap High Performance Passive Delay Modules
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
SIP4 RHOMBUS-IND-SIP4 Datasheet
30Kb / 1P
   SIP4 Series 5-Tap High Performance Passive Delay Modules
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
TZA1-5 RHOMBUS-IND-TZA1-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
SIP8 RHOMBUS-IND-SIP8 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com