データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD-10Z-3.5G データシート(PDF) 1 Page - Merrimac Industries, Inc.

部品番号 CSD-10Z-3.5G
部品情報  DIRECTIONAL COUPLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERRIMAC [Merrimac Industries, Inc.]
ホームページ  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CSD-10Z-3.5G データシート(HTML) 1 Page - Merrimac Industries, Inc.

  CSD-10Z-3.5G Datasheet HTML 1Page - Merrimac Industries, Inc. CSD-10Z-3.5G Datasheet HTML 2Page - Merrimac Industries, Inc. CSD-10Z-3.5G Datasheet HTML 3Page - Merrimac Industries, Inc. CSD-10Z-3.5G Datasheet HTML 4Page - Merrimac Industries, Inc. CSD-10Z-3.5G Datasheet HTML 5Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
U.S. patent 6,099,677 and other patents pending.
U.S. patent 6,099,677 and other patents pending.
DIRECTIONAL COUPLERS
CSD-10Z-3.5G
MULTI-MIX PICO™ Z-SERIES DIRECTIONAL COUPLERS
The Multi-Mix
® CSD-Z series provides directional couplers with low insertion loss, low VSWR, and high
power handling in a small outline. Precise coupling and frequency sensitivity make them ideal for
applications involving power amplifiers, signal distribution and processing.
CSD-Z directional couplers are fusion bonded multilayer stripline assemblies. The fusion bonding
process yields a homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical
performance that is superior to conventional adhesive bonding techniques.
The CSD-Z series is an easy to install SMD designed specifically for the full spectrum of wireless
applications. The high stability ceramic filled PTFE dielectrics utilized in these components are
compatible with common substrates such as FR-4, G-10, and polyamide. The wrap around ground
plane provides excellent EM shielding.
Additional benefits include:
• Small outline size
• High power…100 Watts CW
• Cost effective for commercial wireless applications
• Operating temperature range –55°C to +85°C.
• Available on tape and reel
• Can be integrated with other Multi-Mix
® components in a multi-function module
RELIABILITY
The product family has passed environmental screening including Thermal shock, Burn-in, Acceleration,
Vibration, Mechanical Shock, Moisture Resistance, Resistance to Solder Heat, and Thermal Cycling Life
Test (>1000 cycles).
THE MULTI-MIX
® PROCESS
Multi-Mix
® is a manufacturing process based on fluoropolymer composite substrates that are fusion
bonded together into a multilayer structure. The fusion bonding process yields a homogeneous
monolithic structure with superior performance at microwave and millimeter wave frequencies. The
bonded multilayers can contain embedded semiconductors, MMICs, etched resistors, circuit patterns,
and plated-through vias to form a SMD module that requires no additional packaging and is suitable for
automated assembly.
TECHNICAL DESCRIPTION / APPLICATION
• 3.3 - 3.7 GHz
• HIGH POWER…100 WATTS CW
• LOW LOSS
• LOW VSWR
• SURFACE MOUNT
• TAPE & REEL
REV: 001, 06/20/02
AVAILABLE ON
TAPE & REEL
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO-9001 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: MMFM@merrimacind.com / www.Multi-Mix.com
U.S. patent 6,099,677 and other patents pending.


同様の部品番号 - CSD-10Z-3.5G

メーカー部品番号データシート部品情報
logo
Merrimac Industries, In...
CSD-10Z-2.45G MERRIMAC-CSD-10Z-2.45G Datasheet
82Kb / 2P
   DIRECTIONAL COUPLER
CSD-10Z-5.5G MERRIMAC-CSD-10Z-5.5G Datasheet
166Kb / 2P
   DIRECTIONAL COUPLER
More results

同様の説明 - CSD-10Z-3.5G

メーカー部品番号データシート部品情報
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com