データシートサーチシステム |
|
CD4066 データシート(PDF) 9 Page - Texas Instruments |
|
CD4066 データシート(HTML) 9 Page - Texas Instruments |
9 / 20 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D – NOVEMBER 1998 – REVISED SEPTEMBER 2003 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS VDD VC = VDD Vos VSS CD4066B 1 of 4 Switches VDD 92CS-30925 1 k Ω 50 pF VDD NOTES: A. All unused terminals are connected to VSS. B. Delay is measured at Vos level of +10% from ground (turn-on) or on-state output level (turn-off). tr = tf = 20 ns Figure 14. Propagation Delay, tPLH, tPHL Control-Signal Output VDD = 10 V VC VSS CD4066B 1 of 4 Switches Vis = 10 V 92CS-30925 1 k Ω 50 pF tr = tf = 20 ns VC Vos 90% 10% All unused terminals are connected to VSS. V OS + V OS at 1 kHz 2 V OS + V OS at 1 kHz 2 Repetition Rate 50% tr tf 10 V 0 V Figure 15. Maximum Allowable Control-Input Repetition Rate |
同様の部品番号 - CD4066 |
|
同様の説明 - CD4066 |