データシートサーチシステム |
|
CD4052BE データシート(PDF) 5 Page - Texas Instruments |
|
|
CD4052BE データシート(HTML) 5 Page - Texas Instruments |
5 / 20 page 5 Absolute Maximum Ratings Thermal Information Supply Voltage (V+ to V-) Voltages Referenced to VSS Terminal . . . . . . . . . . . -0.5V to 20V DC Input Voltage Range . . . . . . . . . . . . . . . . . . -0.5V to VDD +0.5V DC Input Current, Any One Input. . . . . . . . . . . . . . . . . . . . . . ±10mA Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Package Thermal Impedance, θJA (see Note 1): E (PDIP) package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W M (SOIC) package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W NS (SOP) package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64oC/W PW (TSSOP) package . . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W Maximum Junction Temperature (Ceramic Package) . . . . . . . . .175oC Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .265oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. The package thermal impedance is calculated in accordance with JESD 51-7. Electrical Specifications Common Conditions Here: If Whole Table is For the Full Temp. Range, VSUPPLY = ±5V, AV = +1, RL = 100Ω, Unless Otherwise Specified (Note 3) PARAMETER CONDITIONS LIMITS AT INDICATED TEMPERATURES (oC) UNITS VIS (V) VEE (V) VSS (V) VDD (V) -55 -40 85 125 25 MIN TYP MAX SIGNAL INPUTS (VIS) AND OUTPUTS (VOS) Quiescent Device Current, IDD Max - - - 5 5 5 150 150 - 0.04 5 µA - - - 10 10 10 300 300 - 0.04 10 µA - - - 15 20 20 600 600 - 0.04 20 µA - - - 20 100 100 3000 3000 - 0.08 100 µA Drain to Source ON Resistance rON Max 0 ≤ VIS ≤ VDD - 0 0 5 800 850 1200 1300 - 470 1050 Ω - 0 0 10 310 330 520 550 - 180 400 Ω - 0 0 15 200 210 300 320 - 125 240 Ω Change in ON Resistance (Between Any Two Channels), ∆rON - 0 0 5 ---- - 15 - Ω - 0 0 10 ---- - 10 - Ω - 0 0 15 ---- - 5 - Ω OFF Channel Leakage Current: Any Channel OFF (Max) or ALL Channels OFF (Common OUT/IN) (Max) -0 0 18 ±100 (Note 2) ±1000 (Note 2) - ±0.01 ±100 (Note 2) nA Capacitance: - -5 5- 5 Input, CIS ---- - 5 - pF Output, COS CD4051 ---- - 30 - pF CD4052 ---- - 18 - pF CD4053 ---- - 9 - pF Feedthrough CIOS ---- - 0.2 - pF Propagation Delay Time (Signal Input to Output VDD RL = 200kΩ, CL = 50pF, tr, tf = 20ns 5 ---- - 30 60 ns 10 ---- - 15 30 ns 15 ---- - 10 20 ns CD4051B, CD4052B, CD4053B |
同様の部品番号 - CD4052BE |
|
同様の説明 - CD4052BE |