データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4052BM96 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4052BM96
部品情報  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4052BM96 データシート(HTML) 9 Page - Texas Instruments

Back Button CD4052BM96 Datasheet HTML 5Page - Texas Instruments CD4052BM96 Datasheet HTML 6Page - Texas Instruments CD4052BM96 Datasheet HTML 7Page - Texas Instruments CD4052BM96 Datasheet HTML 8Page - Texas Instruments CD4052BM96 Datasheet HTML 9Page - Texas Instruments CD4052BM96 Datasheet HTML 10Page - Texas Instruments CD4052BM96 Datasheet HTML 11Page - Texas Instruments CD4052BM96 Datasheet HTML 12Page - Texas Instruments CD4052BM96 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Test Circuits and Waveforms
FIGURE 9. TYPICAL BIAS VOLTAGES
FIGURE 10. WAVEFORMS, CHANNEL BEING TURNED ON
(RL = 1kΩ)
FIGURE 11. WAVEFORMS, CHANNEL BEING TURNED OFF
(RL = 1kΩ)
FIGURE 12. OFF CHANNEL LEAKAGE CURRENT - ANY CHANNEL OFF
VDD = 5V
VSS = 0V
VEE = -7.5V
7
8
(B)
(C)
(D)
(A)
VDD = 7.5V
7.5V
16
16
16
16
7
8
7
8
VDD = 5V
VDD = 15V
VSS = 0V
VEE = 0V
7
8
5V
VEE = -10V
VSS = 0V
VSS = 0V
5V
VEE = -5V
NOTE: The ADDRESS (digital-control inputs) and INHIBIT logic levels
are: “0” = VSS and “1” = VDD. The analog signal (through the TG) may
swing from VEE to VDD.
tf = 20ns
10%
10%
90%
50%
10%
50%
90%
10%
50%
90%
tr = 20ns
TURN-OFF TIME
TURN-ON TIME
tf = 20ns
10%
90%
50%
10%
50%
90%
10%
90%
tr = 20ns
TURN-OFF TIME
TURN-ON
tPHZ
TIME
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IDD
IDD
IDD
VDD
VDD
CD4053
CD4052
CD4051
CD4051B, CD4052B, CD4053B


同様の部品番号 - CD4052BM96

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4052BM96 TI-CD4052BM96 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4052BM96 TI1-CD4052BM96 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4052BM96 TI-CD4052BM96 Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4052BM96 TI1-CD4052BM96 Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
CD4052BM96E4 TI-CD4052BM96E4 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
More results

同様の説明 - CD4052BM96

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com